Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USX2 Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # USX2
Description  NBFM Multi-channel UHF Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

USX2 Datasheet(HTML) 4 Page - Radiometrix Ltd

  USX2 Datasheet HTML 1Page - Radiometrix Ltd USX2 Datasheet HTML 2Page - Radiometrix Ltd USX2 Datasheet HTML 3Page - Radiometrix Ltd USX2 Datasheet HTML 4Page - Radiometrix Ltd USX2 Datasheet HTML 5Page - Radiometrix Ltd USX2 Datasheet HTML 6Page - Radiometrix Ltd USX2 Datasheet HTML 7Page - Radiometrix Ltd USX2 Datasheet HTML 8Page - Radiometrix Ltd USX2 Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Radiometrix Ltd
USX2 Data Sheet
page 4
USX2 serial interface details (version 4):
PRELIMINARY
The USX2 user interface is accessed through the four parallel pins (P0/serial through P3).
It has four operating modes:
1.
Parallel: Frequency of operation is selected as one of 16 (chans 0-15), by means of a 4 bit inverted value
applied to P0-P3. The P0 pin will also respond to a LOCKSERIALMODE datastream (inverted rs232, 9600
baud), which will cause the radio to enter
serial mode. In parallel mode, the IDENT command string is still
decoded, but the unit remains in parallel mode.
2.
Serial: Frequency of operation, radio set up, power output and various other parameters are controlled by
command strings sent to P0. Pin P3 functions as a 'readback' port while P1,2 are not used in this mode.
In this mode, decimal values are used (to simplify direct manual programming via a terminal)
Commands include :
:
empty command buffer
? or /
read back buffer contents
<
backspace>
delete last character
<
cr>
process buffer
PARALLEL
return to the basic,
parallel mode (and turn modem off)
DUMP
read back contents of eeprom (output on P3)
MODEM
activate 1200 baud modem
#
NOMODEM
de-activate 1200 baud modem
#
DEFCH
ccc
set default channel
(non-volatile)
#
DEFPOW pp
set default tx power
(non-voltatile)
#
CHAN
ccc
jump to channel
(volatile)
POWER pp
select tx power
(volatile)
RSSI
single read of RSSI
(output on P3)
SHORT
enter
short command mode
#
(The following commands are used to set up the radio operating characteristics, and should be viewed with
caution. Especially the CALPOWER command, which initiates a multiple write operation to the power
calibration table )
NDIV
nnnnn
force N divider value
(volatile)
RDIV
rrrrr
force R divider value
(volatile)
RLOAD
rrrrr
Set R divider value
#
OFFSET ooooo
Set RX offset
#
LOAD aa nnnnn
Set N values for first 16 channels
#
START
nnnnn
Set N value for ch 16
#
STEP
i
Set increment for table
#
LIMIT
ccc
Set highest permitted channel number
#
SETPOW eee
Set maximum power output (100mW)
CALPOWER (etc)
(see factory procedures for more details)
TEST
Generate a 250Hz test modulation
(only fuctions in TX mode, cancelled by sending a <cr> byte)
IDENT
Readback a single byte, depending on current mode:
Parallel:
P
Serial
S
Short
1
Modem
M
(Channels 0-15 are individually programmed by the
LOAD operation. Channels 16-127 are a consecutive
table, using the
START value as a start point (=channel 16) and increasing the N value by STEP with each
increase in channel number)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com