Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USX2 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # USX2
Description  NBFM Multi-channel UHF Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

USX2 Datasheet(HTML) 5 Page - Radiometrix Ltd

  USX2 Datasheet HTML 1Page - Radiometrix Ltd USX2 Datasheet HTML 2Page - Radiometrix Ltd USX2 Datasheet HTML 3Page - Radiometrix Ltd USX2 Datasheet HTML 4Page - Radiometrix Ltd USX2 Datasheet HTML 5Page - Radiometrix Ltd USX2 Datasheet HTML 6Page - Radiometrix Ltd USX2 Datasheet HTML 7Page - Radiometrix Ltd USX2 Datasheet HTML 8Page - Radiometrix Ltd USX2 Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Radiometrix Ltd
USX2 Data Sheet
page 5
ccc
= a channel number from 00 to 127
aa
= a
two digit channel number from 00 to 15
nnnnn = synthesizer N register value, (up to 65535)
rrrrr
= synthesizer R register value, (up to 16383)
pp
= power setting value (0 - 30)
i
= table step (increments of N) (0-7)
ooooo = receive mode frequency offset
eee
= power calibration figure
N = channel frequency / (13MHz / R)
13MHz / R = 25KHz , so R = 520 (usually)
receive offset = 21.4MHz / (13MHz / R) , so = 856 (usually)
A pause of at least 50mS must be allowed after operations which result in eeprom programming operations
(all except NDIV, RDIV, GOTO, PSET and RSSI). This allows the programming cycle to complete.
Instructions marked ' # ' output a three byte ' OK<cr> ' sequence after sucessfully completing their eeprom
programming cycles
When first powered up, the unit will operate on channel and output level specified by the last CHAN and
POWER instructions, irrespective of previous NDIV, RDIV, CHAN or PSET operations)
3.
Short: A limited range of radio functions are controlled by sending a single byte to PO
0
- 127
select channel
(volatile)
128 - 159
select power
( = byte -128)
(volatile)
200
single read of RSSI
(output on P3)
201
single byte read, as for IDENT command
222
reception of 16 consecutive 222 bytes returns radio to
serial mode.
This mode of operation is intended to provide a simple, fast, serial command mode.
4.
Modem: Commands are interpreted as in SERIAL mode (and 'short' mode may be selected.) In this
mode the unit operates as a simple 1200 baud packet modem, with TXD (in) on P2 and RXD (out) on P1.
The N_TXE pin does not control tx switching in this mode, but rather the presence of valid data in the tx
buffer initiates a transmit burst. No handshaking is provided, and the unit has a sufficient over-link data rate
to transparently 'stream' continuous data. Error correction, re-transmission of corrupt packets and addressing
are not provided.
This mode is compatible with other Radiometrix 'i 1200' mode equipment, including the narrow band eval kit.
Notes:
Unlike in the RLC and TLC units, the LOCKSERIALMODE (and FAST) commands are non-volatile.
Once a serial mode is selected, the unit will power up in this mode until a PARALLEL command is
received.
The command interpreter IS case sensitive. Use upper case.
Spaces are optional (they are not decoded), provided the command line does not exceed 16
characters.
When manually programming this unit we recommend setting your terminal to local echo. The
'backspace' key functions normally.
All serial communications use 9600baud 'inverted RS232' 8 bit data, no parity, 1 start bit, 1 or 2 stop
bits
A simple 'driver' program will be made available to simplify programming of these units, if desired.
RSSI read operations only function correctly if the unit is in RX mode (n_TXE pin is high or floating)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com