Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITPR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # KITPR
Description  Kit Potentiometer Rotational Analog Displacement Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITPR Datasheet(HTML) 4 Page - Vishay Siliconix

  KITPR Datasheet HTML 1Page - Vishay Siliconix KITPR Datasheet HTML 2Page - Vishay Siliconix KITPR Datasheet HTML 3Page - Vishay Siliconix KITPR Datasheet HTML 4Page - Vishay Siliconix KITPR Datasheet HTML 5Page - Vishay Siliconix KITPR Datasheet HTML 6Page - Vishay Siliconix KITPR Datasheet HTML 7Page - Vishay Siliconix KITPR Datasheet HTML 8Page - Vishay Siliconix KITPR Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
KITPR
www.vishay.com
Vishay MCB
Revision: 27-Apr-17
4
Document Number: 32545
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
KITPR018 (H22), KITPR023 (H27), KITPR035 (H44)
DIMENSION
TYPE
ON REQUEST
KITPR018 (H22)
KITPR023 (H27)
KITPR035 (H44)
KITPR015 (H19)
KITPR042 (H50)
A (0 / -0.05)
18
23
35
15
42
B (+0.012 / 0)
3.175
3.175
6.35
3.175
6.35
C ± 0.1
12
16
28
11.5
34
D ± 0.1
1
11.511.5
E ± 0.2
3.8
3.8
5.8
5
6.8
F ± 0.1
1.8
1.8
2.9
4.1
4.3
G (+0.1 / 0)
6.2
6.2
8.6
6.2
8.6
Hmin.
22
3.5
2.5
3.5
I
0.7 (+0.05 / 0)
0.7 (+0.05 / 0)
1.05 (+0.07 / 0)
0.7 (+0.05 / 0)
1.05 (+0.07 / 0)
J ± 0.05
7.2
7.2
11.2
5.7
13.2
K (+0.05 / 0)
2.3
2.3
4.8
2.3
4.8
Lmax.
2.2
2.2
3.2
3.2
3.2
Nmax.
33 (1)
4.133.9
Rmax.
9.2
11.7
17.9
7.7
20.8
Note
• On request: Ø 2.5 with 3 x M1.2
A
A
A-A
Ø J
Ø C
3 x M1.6 at 120°
Ø N
H (thread depth)
Spring
pin
Ø
D
Thrust-washer
Stop ring
Track
Ø
A
Wiper position for H19, H22, H27
Wiper position for H44, H50
3 wires AWG26
Length: 300
(on request: 500 or without wires)
Axis of spring pin
Ø B
Shaft view
Ø K
Groove for assembly
stop ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com