Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KITPR Datasheet(PDF) 10 Page - Vishay Siliconix

Part # KITPR
Description  Kit Potentiometer Rotational Analog Displacement Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITPR Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button KITPR Datasheet HTML 3Page - Vishay Siliconix KITPR Datasheet HTML 4Page - Vishay Siliconix KITPR Datasheet HTML 5Page - Vishay Siliconix KITPR Datasheet HTML 6Page - Vishay Siliconix KITPR Datasheet HTML 7Page - Vishay Siliconix KITPR Datasheet HTML 8Page - Vishay Siliconix KITPR Datasheet HTML 9Page - Vishay Siliconix KITPR Datasheet HTML 10Page - Vishay Siliconix KITPR Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
KITPR
www.vishay.com
Vishay MCB
Revision: 27-Apr-17
10
Document Number: 32545
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTIONS (on request)
• Other ohmic values (Rn)
• Other tolerances on Rn
• Other linearities
• Other theoretical electrical travels
• Other dimensions
• Middle tap: KITPR022 U/2 ± 1°
• KITPR040: digital output SPI
- Operating voltage: 5 V ± 5 %
- with absolute linearity ± 0.1° max. within ± 39.9°
± 0.2° max. from -45° to -40°
± 0.2° max. from +40° to +45°
- Thermal deviation at U/2 over operational temperature
range
 0.05°
- Gradient at ± 45°: 655.36 bits/°
- Weight: 12.5 g ± 1.5 g
- Power dissipation: 150 mW min.
- Current supply: 12 mA max.
DIMENSIONS in millimeters
KITPR040 (Digital Output)
NAME
COLOR MARK ON WIRE
FUNCTION
P5VA
RED
Voltage supply high (+5 V)
AGND
BLACK
Voltage supply low (GROUND)
DCLK
WHITE
CLOCK
OUT
None
Data output line
CSN
YELLOW
Convert start not
5 wires
(see table)
A
A
SECTION A-A
4 ± 0.1
6.5 ± 0.1
7.5 ± 0.1
1 ± 0.1
2.6 0
- 0.05
Ø 40.55 ± 0.05
Ø 35.3 ± 0.1
3 x Ø
2.4
±
0.1
3 x 5°
± 1°
3 x 10° ±
1°
Equally
spaced ±
1°
50° ± 5°
To start zero marking
Zero marking
5.5 max.
680 ± 10
R12
2 x Ø 1 ± 0.3
depth 1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com