Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRL20150CT Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBRL20150CT
Description  150 Volts 20 Amp Low VF Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRL20150CT Datasheet(HTML) 2 Page - Micro Commercial Components

  MBRL20150CT Datasheet HTML 1Page - Micro Commercial Components MBRL20150CT Datasheet HTML 2Page - Micro Commercial Components MBRL20150CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision:
B
20
16/10/23
www.mccsemi.com
2 of 3
■ Characteristics(Typical)
Micro Commercial Components
M C C
R
0
0
Tc(℃)
50
100
FIG1:Forward Current Derating Curve
150
IN DC
4.0
8.0
TC
TC measure poi
12.0
16.0
20.0
24.0
28.0
0.2 0.3
0.4
0.5
0.6 0.7
0.1
0.2
0.5
VF(V)
FIG3:Instantaneous Forward Voltage
1.0
10
20
40
5.0
Ta=25℃
0.8
0.9 1.0
0.1
0
60
1.1 1.2
0
20
40
60
80
100
1.0
10
100
1000
VRRM(%)
Tj=100℃
Tj=25℃
FIG4:Typical Reverse Characteristics
10000
1
2
5
10
20
50
100
FIG2:Surge Forward Current Capadility
Number of Cycles at 60Hz
100
150
8.3ms Single
Half Since-Wave
JEDEC Method
200
50
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com