Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRL20150CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRL20150CT
Description  150 Volts 20 Amp Low VF Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRL20150CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRL20150CT Datasheet HTML 1Page - Micro Commercial Components MBRL20150CT Datasheet HTML 2Page - Micro Commercial Components MBRL20150CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TC = 90°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
.
85V
IFM = 10A;
TA =25°C
1
50V
105V
1
50V
MBR
L20150CT
PIN 1
PIN 3
PIN 2
CASE
IR
1
50 Volts
TO-220AB
Peak Reverse Current
TA = 25°C
TA = 100°C
0.1mA
30mA
20 Amp
Low VF
Schottky
Barrier Rectifier
MBR
L20150CT
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.42
9
9.65
10.
90
C
.140
.
200
3.56
5.10
D
.020
.045
0.51
1.14
F
.13
1
.1
70
3.
34
4.
31
∅
G
.
079
.1
21
2.
01
3.07
H
---
.250
---
6.35
J
.01
1
.025
0.
28
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.1
58
.
242
4.
02
6.14
Q
.
087
.135
2.
22
3.43
R
.080
.1
26
2.04
3.19
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
Revision:
B
20
16/10/23
www.mccsemi.com
1 of 3
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
 omponents
2
0736 Marilla Street Chatsworth

 !"#
$%   !"#
Maximum Ratings
•
•
High surge forward current capability
•
•
•
Low Power loss, High efficiency
Marking : type number
Halogen free available upon request by adding suffix "-HF"
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
•
Maximum Thermal Resistance Junction to Case : 2.0
oC/W
Current Squared Time
I2
t
167A2S 1ms≤t<8.3ms
Tj=25
℃,Rating
of per diode
Micro Commercial Components
M C C
R


Similar Part No. - MBRL20150CT

ManufacturerPart #DatasheetDescription
logo
RFE international
MBRL20150CT RFE-MBRL20150CT Datasheet
1Mb / 3P
Schottky Diodes
11-30-2022
More results

Similar Description - MBRL20150CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
B0520WTL MCC-B0520WTL Datasheet
326Kb / 3P
0.5 Amp Low VF Schottky Rectifier 20 Volts
MBR12U100L MCC-MBR12U100L_16 Datasheet
322Kb / 3P
12 Amp Low VF Schottky Barrier Rectifier 100 Volts
MBR12100LPS MCC-MBR12100LPS_17 Datasheet
663Kb / 3P
12 Amp Low VF Schottky Barrier Rectifier 100 Volts
MBR12150LPS MCC-MBR12150LPS Datasheet
312Kb / 2P
12 Amp Low VF Schottky Barrier Rectifier 150 Volts
MBRL2045FCT MCC-MBRL2045FCT Datasheet
438Kb / 3P
45 Volts 20 Amp Low VF Schottky Barrier Rectifier
MBRL10100FCT MCC-MBRL10100FCT Datasheet
370Kb / 3P
10 Amp Low VF Schottky Barrier Rectifier 100~150 Volts
MBRL20100CT MCC-MBRL20100CT Datasheet
334Kb / 3P
100 Volts 20 Amp Low VF Schottky Barrier Rectifier
MBRL20100FCT MCC-MBRL20100FCT Datasheet
371Kb / 3P
20 Amp Low VF Schottky Barrier Rectifier 100~150 Volts
MBRLP20100 MCC-MBRLP20100 Datasheet
333Kb / 2P
20 Amp Low VF Schottky Barrier Rectifier 100 Volts
MBRX0520L MCC-MBRX0520L_17 Datasheet
376Kb / 3P
0.5 Amp Low VF Schottky Rectifier 20 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com