Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB16PD-13 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZB16PD-13
Description  Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZB16PD-13 Datasheet(HTML) 1 Page - Mini-Circuits

  ZB16PD-13 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
A
B
C
D
E
F
G
11.00
4.00
.88
.250
10.75
--
.187
279.40 101.60
22.35
6.35 273.05
--
4.75
HJ
K
L
M
wt
5.50
.44
.66
.25
3.75
grams
139.70
11.18
16.76
6.35
95.25
1130
Typical Performance Data
Electrical Specifications
Maximum Ratings
Coaxial Connections
Features
• UHF TV/DTV
• GSM
• ISM
• WCDMA
SUMPORT
S
PORT 1,2,3,.....16
1,2,3......16
• low insertion loss, 0.6 dB typ.
• excellent input and output VSWR, 1.1:1 typ.
• very high isolation, 30 typ.
Applications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
10W max.
Internal Dissipation
2.6W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
ZB16PD-13+
TOTAL LOSS
12.0
12.5
13.0
13.5
14.0
500
600
700
800
900
1000
FREQUENCY (MHz)
ZB16PD-13+
ISOLATION
10
20
30
40
50
60
70
500
600
700
800
900
1000
FREQUENCY (MHz)
ADJ
OPPOSITE
ZB16PD-13+
ZB16PD-13+
VSWR
1.0
1.2
1.4
1.6
1.8
2.0
500
600
700
800
900
1000
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
electrical schematic
16 Way-0°
50Ω
500 to 1000 MHz
Power Splitter/Combiner
REV. B
M151107
ED-7001/1
ZB16PD-13+
HY/TD/CP
151016
Coaxial
Connectors Model
SMA
ZB16PD-13-S+
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS
(dB)
ABOVE 12 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
VSWR
(:1)
f
L-fU
Typ.
Min
Typ.
Max.
Max.
Max.
S
OUT
Typ.
Max.
Typ. Max.
500-1000
30
20
0.6
1.4
6
0.6
1.1
1.6
1.1
1.4
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
S-1
Adjacent
Opposite
500.00
12.63
0.08
24.15
24.19
1.31
1.40
1.03
520.00
12.65
0.08
25.78
26.11
1.35
1.42
1.03
540.00
12.67
0.08
26.91
27.61
1.39
1.43
1.03
560.00
12.67
0.08
27.69
28.71
1.43
1.42
1.03
580.00
12.65
0.08
28.56
29.83
1.46
1.37
1.03
600.00
12.63
0.08
29.90
31.49
1.48
1.29
1.03
620.00
12.60
0.08
32.04
34.16
1.53
1.20
1.04
640.00
12.58
0.07
35.38
38.69
1.58
1.12
1.04
660.00
12.58
0.07
40.90
48.49
1.61
1.05
1.04
680.00
12.59
0.07
54.44
49.04
1.65
1.02
1.04
700.00
12.60
0.06
48.35
40.92
1.69
1.05
1.05
720.00
12.61
0.06
41.68
37.70
1.76
1.06
1.05
800.00
12.65
0.06
31.38
30.79
1.96
1.06
1.06
900.00
12.70
0.09
28.61
28.16
2.21
1.13
1.03
1000.00
12.81
0.10
33.71
34.51
2.47
1.30
1.09
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss +12dB splitter loss.
HT-Series
Tight Spot
SMA Wrench
From $24.95
CASE STYLE: UU573
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - ZB16PD-13

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZB16PD-272-75F MINI-ZB16PD-272-75F Datasheet
359Kb / 1P
Power Splitter/Combiner
ZB16PD-272-75F+ MINI-ZB16PD-272-75F+ Datasheet
359Kb / 1P
Power Splitter/Combiner
ZB16PD-72 MINI-ZB16PD-72 Datasheet
269Kb / 1P
Power Splitter/Combiner
ZB16PD-72-S+ MINI-ZB16PD-72-S+ Datasheet
269Kb / 1P
Power Splitter/Combiner
More results

Similar Description - ZB16PD-13

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com