Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5290B Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE5290B
Description  20V Complementary Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5290B Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE5290B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 9Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACE5290B
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.1
6
P-channel Electrical Characteristics TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250μA
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS = -20V, VGS = 0V
-1
μA
Gate Threshold Voltage
VGS(TH)
VGS = VDS , IDS= -250μA
-0.5
-1
V
Gate Leakage Current
IGSS
VGS= ±12V , VDS=0V
±100
nA
Drain-Source On-state Resistance
RDS(on)
VGS = -4.5V , ID= -2.8A
77
85
mΩ
VGS = -2.5V , ID= -2A
92
115
VGS = -1.8V , ID= -2A
118
200
Forward Trans Conductance
gFS
VDS= -5V , ID= -2.5A
13
S
Diode Forward Voltage
VSD
ISD= -1.6A , VGS= 0V
-0.18
-1.0
V
Maximum Body-Diode
Continuous Current
IS
-1.6
A
Switching
Total Gate Charge
Qg
VDS= -6V, ID= -2.8A,
VGS= -4.5V
6.6
8.6
nC
Gate-Source Charge
Qgs
0.3
0.4
nC
Gate-Drain Charge
Qgd
1.3
1.7
nC
Turn-on Delay Time
td( on )
VDD= -6V, RL= 6Ω,
ID= -1A,VGS= -4.5V,
RGEN= 6Ω
9.7
19.4
ns
Turn-on Rise Time
tr
3.6
7.1
ns
Turn-off Delay Time
td( off )
70.6
141.2
ns
Turn-off Fall Time
tf
7.8
15.6
ns
Dynamic
Input Capacitance
Ciss
VDS=-6V,VGS= 0V,
f= 1.0MHz
589
pF
Output Capacitance
Coss
91.2
pF
Reverse Transfer Capacitance
Crss
67.2
pF
A.
The value of RθJA is measured with the device mounted on 1in²FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The value in any given application depends on the user's specific
board design.
B.
Repetitive rating, pulse width limited by junction temperature.
C.
The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com