Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5290B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5290B
Description  20V Complementary Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5290B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5290B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5290B Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE5290B
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.1
1
Description
The ACE5290B combines advanced trench MOSFET technology with a low resistance package to
provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.
Features
N-channel
VDS (V) = 20V
ID=3.5A
RDS(ON)
< 50m
Ω (VGS=4.5V)
< 80mΩ (VGS=2.5V)
P-channel
VDS (V) = -20V
ID = -2.5A
RDS(ON)
< 85mΩ (VGS = -4.5V)
< 115mΩ (VGS = -2.5V)
Absolute Maximum Ratings
Parameter
Symbol
N-channel
P-channel
Unit
Drain-Source Voltage
VDSS
20
-20
V
Gate-Source Voltage
VGSS
±12
±12
V
Drain Current (Continuous)*AC
TA=25℃
ID
3.5
-2.5
A
TA=70℃
3
-2
Drain Current (Pulsed)*B
IDM
13
-13
A
Power Dissipation
TA=25℃
PD
1.1
1.1
W
TA=70℃
0.7
0.7
Operating temperature / storage temperature
TJ/TSTG
-55~150
-55~150
℃
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.


Similar Part No. - ACE5290B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE529C ACE-ACE529C Datasheet
606Kb / 7P
1A Low Dropout Voltage Linear Regulator
VER 1.2
More results

Similar Description - ACE5290B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
ACE Technology Co., LTD...
ACE634 ACE-ACE634 Datasheet
1Mb / 9P
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com