Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE634 Datasheet (PDF) - ACE Technology Co., LTD.

ACE634 Datasheet PDF - ACE Technology Co., LTD.
Part # ACE634
Download  ACE634 Download
File Size   1029.93 Kbytes
Page   9 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 20V Complementary Enhancement Mode Field Effect Transistor

ACE634 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE634 Datasheet PDF - ACE Technology Co., LTD.

Part # ACE634
Download  ACE634 Click to download

File Size   1029.93 Kbytes
Page   9 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 20V Complementary Enhancement Mode Field Effect Transistor

ACE634 Datasheet (HTML) - ACE Technology Co., LTD.


ACE634 Product details

Description
The ACE634 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Features
• N-Channel
   VDS(V)=20V
   ID=4A
   RDS(ON)
      <35mΩ (VGS=4.5V)
      <42mΩ (VGS=2.5V)
• P-Channel
   VDS(V)=-20V
   ID=-2.5A
   RDS(ON)
      <85mΩ (VGS=-4.5V)
      <115mΩ (VGS=-2.5V)




Similar Part No. - ACE634

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE6344B ACE-ACE6344B Datasheet
937Kb / 11P
N and P-Channel Enhancement Mode MOSFET
VER 1.1
More results


Similar Description - ACE634

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
ACE Technology Co., LTD...
ACE5290B ACE-ACE5290B Datasheet
1Mb / 10P
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com