Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE634 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE634
Description  20V Complementary Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE634 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE634 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE634
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
3
Turn-On Delay Time
td(on)
VGS=4.5V, VDS=10V,
ID=1A, RG=6Ω
10.4
20.8
ns
Turn-On Rise Time
tr
4.4
8.8
Turn-Off Delay Time
td(off)
27.4
54.8
Turn- Off Rise Time
tf
4.2
8.4
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=8V,
f=1MHZ
522.3
pF
Output Capacitance
Coss
98.5
Reverse Transfer capacitance
Crss
74.7
Note:
A: The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Typical Characteristics (N-Channel)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com