Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE634 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE634
Description  20V Complementary Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE634 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE634 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE634 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ACE634
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
5
Electrical Characteristics (P-Channel)
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=250uA
-20
V
Drain-Source On Resistance
RDS(ON)
VGS=-4.5V, ID=-2.8A
77
85
mΩ
VGS=-2.5V, ID=-2A
92
115
VGS=-1.8V, ID=-2A
118
200
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-0.5
-0.6
-1
V
Gate Leakage Current
IGSS
VDS=0V, VGS=±12V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V, VGS=0V
-1
uA
Forward Transconductance
gFS
VDS=-5V, ID =-2.5V
13
S
Diode Forward Voltage
VSD
ISD=-1.6A, VGS=0V
-0.81
-1.0
V
Maximum Body-Diode
Continuous Current
Is
-1.6
A
Switching
Total Gate Charge
Qg
VDS=-6V, VGS=-4.5V,
ID=-2.8A
6.6
8.6
nC
Gate-Source Charge
Qgs
0.3
0.4
Gate-Drain Charge
Qgd
1.3
1.7
Turn-On Delay Time
td(on)
VDD=-6V, RG=6Ω, RL=6Ω,
VGEN=-4.5V, ID=-1A,
9.7
19.4
ns
Turn-On Rise Time
tr
3.6
7.1
Turn-Off Delay Time
td(off)
33.3
66.6
Turn- Off Rise Time
tf
4.5
9
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=-6V, f=1MHZ
589
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com