Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE13402M Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE13402M
Description  N-Channel 30-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE13402M Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE13402M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE13402M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE13402M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE13402M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE13402M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE13402M Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ACE13402M
N-Channel 30-V (D-S) MOSFET
VER 1.1
5
Packing Information
SOT-23-6
SYMBOLS
DIMENSIONS IN MILLIMETERS
MIN
NOM
MAX
A
0.935
1.10
A1
0.01
0.10
A2
0.70
1.00
b
0.25
0.32
0.40
C
0.10
0.15
0.20
D
2.95
3.05
3.10
E
2.70
2.85
2.98
E1
1.55
1.65
1.70
e
0.95 BSC
L
0.30
0.60
L1
0.60 REF
L2
0.25 BSC
R
0.10
θ
0°
4°
8°
θ1
7° NOM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com