Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE13402M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE13402M
Description  N-Channel 30-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE13402M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE13402M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE13402M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE13402M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE13402M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE13402M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE13402M Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE13402M
N-Channel 30-V (D-S) MOSFET
VER 1.1
1
Features
Low rDS(on) trench technology
Low thermal impedance
Fast switching speed
Applications
DC/DC Conversion
Power Routing
Motor Drives
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
a
TA=25
OC
ID
7.1
A
TA=70
OC
5.7
Pulse Drain Current
b
IDM
30
Continuous Drain Current (Diode Continuous)
a
IS
2.9
A
Power Dissipation
a
TA=25
OC
PD
2
W
TA=70
OC
1.3
Operating Junction and Storage Temperature Range
TJ,TSTG -55 to 150
OC
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t≦10sec
RθJA
62.5
℃/W
Steady State
110
℃/W
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
Packaging Type
Ordering information
SOT-23-6
ACE13402M XX + H
PRODUCT SUMMARY
VDS (V)
rDS
(on) (mΩ)
ID(A)
30
27@ VGS = 10V
7.1
35@ VGS = 4.5V
6.2
GM: SOT-23-6
Pb - free
Halogen - free


Similar Part No. - ACE13402M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE13417B ACE-ACE13417B Datasheet
1Mb / 7P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE13402M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com