Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFA3010SURKZGSYKC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APFA3010SURKZGSYKC
Description  3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APFA3010SURKZGSYKC Datasheet(HTML) 2 Page - Kingbright Corporation

  APFA3010SURKZGSYKC Datasheet HTML 1Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 2Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 3Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 4Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 5Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 6Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC NO: DSAI9094
REV NO: V.6A
DATE: DEC/09/2015
PAGE: 2 OF 7
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1203008730
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous Flux: +/-15%.
* Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to the CIE127-2007 compliant national standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Emitting Color (Material)
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APFA3010SURKZGSYKC
Hyper Red (AlGaInP)
Water Clear
120
220
120
°
*55
*80
Green (InGaN)
200
400
*200
*400
120
180
*120
*180
Super Bright Yellow (AlGaInP)
Symbol
Parameter
Emitting Color
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Hyper Red
Green
Super Bright Yellow
645
515
590
nm
IF=20mA
λD [1]
Dominant Wavelength
Hyper Red
Green
Super Bright Yellow
630
525
590
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Hyper Red
Green
Super Bright Yellow
28
30
20
nm
IF=20mA
C
Capacitance
Hyper Red
Green
Super Bright Yellow
35
45
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Hyper Red
Green
Super Bright Yellow
1.95
3.3
2
2.5
4.1
2.5
V
IF=20mA
IR
Reverse Current
Hyper Red
Green
Super Bright Yellow
10
50
10
uA
VR=5V
Parameter
Hyper Red
Green
Super Bright Yellow
Units
Power dissipation
75
102.5
75
mW
DC Forward Current
30
25
30
mA
Peak Forward Current [1]
185
150
175
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Electrostatic Discharge Threshold (HBM)
3000
450
3000
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com