Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFA3010SURKZGSYKC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APFA3010SURKZGSYKC
Description  3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APFA3010SURKZGSYKC Datasheet(HTML) 1 Page - Kingbright Corporation

  APFA3010SURKZGSYKC Datasheet HTML 1Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 2Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 3Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 4Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 5Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 6Page - Kingbright Corporation APFA3010SURKZGSYKC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAI9094
REV NO: V.6A
DATE: DEC/09/2015
PAGE: 1 OF 7
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1203008730
3.0x1.0mm RIGHT ANGLE SMD CHIP LED
LAMP
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APFA3010SURKZGSYKC
Hyper Red
Green
Super Bright Yellow
Features
3.0x1.5x1.0mm right angle SMD LED, 1.0mm thick-
ness.
Low power consumption.
Wide viewing angle.
Ideal for backlight and indicator.
Package : 2000pcs / reel.
Moisture sensitivity level : level 3.
Tinned pads for improved solderability.
RoHS compliant.
Descriptions
The Hyper Red source color devices are made with
AlGaInP on GaAs substrate Light Emitting Diode.
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode.
The Super Bright Yellow device is made with AlGaInP
(on GaAs substrate) light emitting diode chip.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Green
Yellow
Red


Similar Part No. - APFA3010SURKZGSYKC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APFA3010SURKZGSYKC TO-GRACE-APFA3010SURKZGSYKC Datasheet
964Kb / 4P
3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results

Similar Description - APFA3010SURKZGSYKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APFA3010SURCGKPBAC KINGBRIGHT-APFA3010SURCGKPBAC Datasheet
224Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SURKCGKPBAC KINGBRIGHT-APFA3010SURKCGKPBAC Datasheet
250Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKBBA56W SUNLED-ZMDKBBA56W Datasheet
225Kb / 5P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZMDKBBABGA56W SUNLED-ZMDKBBABGA56W Datasheet
257Kb / 6P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APFA3010LSEKJ3ZGKQBC KINGBRIGHT-APFA3010LSEKJ3ZGKQBC Datasheet
376Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEEZGKQBKC KINGBRIGHT-APFA3010SEEZGKQBKC Datasheet
312Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEEZGQBDC KINGBRIGHT-APFA3010SEEZGQBDC Datasheet
311Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APFA3010SEKJ3ZGKQBKC KINGBRIGHT-APFA3010SEKJ3ZGKQBKC Datasheet
358Kb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KPFA-3011BZ1RGZ1C-132-F TO-GRACE-KPFA-3011BZ1RGZ1C-132-F Datasheet
2Mb / 7P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
XZCBDDGME56W SUNLED-XZCBDDGME56W Datasheet
314Kb / 4P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com