Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7686JS Datasheet(PDF) 8 Page - Exar Corporation

Part # MP7686JS
Description  CMOS 6 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7686JS Datasheet(HTML) 8 Page - Exar Corporation

  MP7686JS Datasheet HTML 1Page - Exar Corporation MP7686JS Datasheet HTML 2Page - Exar Corporation MP7686JS Datasheet HTML 3Page - Exar Corporation MP7686JS Datasheet HTML 4Page - Exar Corporation MP7686JS Datasheet HTML 5Page - Exar Corporation MP7686JS Datasheet HTML 6Page - Exar Corporation MP7686JS Datasheet HTML 7Page - Exar Corporation MP7686JS Datasheet HTML 8Page - Exar Corporation MP7686JS Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
03
5HY 

)LJXUH  2QH 6KRW 0RGH 7LPLQJ
3KDVH  0RGH 
%DODQFH
1ï 
1
&/.
'$7$
6DPSOH
6DPSOLQJ :LQGRZ
9,1
W'+
W'/
2QH 6KRW 0RGH 0RGH /RZ 3KDVH /RZ
:KLOH WKH SLSHOLQH PRGH UHTXLUHV WKUHH FORFN HGJHV WZR FORFN
SXOVHV WR DFFRPSOLVK RQH $' FRQYHUVLRQ WKH 2QH 6KRW PRGH
VHH )LJXUH  UHTXLUHV RQO\ WZR HGJHV RQH FORFN SXOVH WR
FRPSOHWH D FRQYHUVLRQ
5HVHUYHG 0RGH /RZ 3KDVH +LJK
7KLV PRGH LV QRW D YDOLG RSHUDWLRQDO PRGH
5HIHUHQFH 9ROWDJHV
,I WKH LQSXW EDQGZLGWK LV OLPLWHG WR WKH 1\TXLVW UHJLRQ ),1  )6
WKHQ WKH WZR UHIHUHQFH YROWDJHV FDQ EH VHW DW DQ\ WZR YDOXHV
EHWZHHQ WKH VXSSOLHV 95() WKHLU GLIIHUHQFH FDQ EH UHGXFHG
GRZQ WR  YROWV ZLWK PLQRU FKDQJH LQ DFFXUDF\ ,I WKH LQSXW
EDQGZLGWK H[FHHGV )6 WKHQ LW LV UHFRPPHQGHG WKDW 95() EH
ORZHU WKDQ 9''
)LJXUH  7\SLFDO &LUFXLW &RQQHFWLRQV
ï


:
9
ï9
2):
N
& &

&
&
N
S) 
& 2)
& 2)
& &

&/.
5W /LQH 7HUPLQDWLRQ 5HVLVWRU
&
&
'%  '%
2(
7R
'LJLWDO
6\VWHP
*1'
&
N:
9
&
&
03
03
2(
&75
9''
5W
9,1
95() 
95() ï
5W
 $OO VLJQDOV VKRXOG QRW H[FHHG 9''  9 RU *1' ï 9
 $Q\ LQSXW SLQ ZKLFK FDQ VHH D YDOXH RXWVLGH WKH DEVROXWH
PD[LPXP UDWLQJV 9''  9 RU *1' ï 9 VKRXOG EH SUR
WHFWHG E\ GLRGH FODPSV +3 IURP LQSXW SLQ WR WKH
VXSSOLHV $OO 03 LQSXWV KDYH LQSXW SURWHFWLRQ GLRGHV
ZKLFK ZLOO SURWHFW WKH GHYLFH IURP VKRUW WUDQVLHQWV RXWVLGH
WKH VXSSOLHV UDQJH
 7KH 3& ERDUG GHVLJQ ZLOO DIIHFW WKH 03 DFFXUDF\ 8VH
RI ZLUH ZUDS LV QRW UHFRPPHQGHG



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com