Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7686JS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7686JS
Description  CMOS 6 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7686JS Datasheet(HTML) 1 Page - Exar Corporation

  MP7686JS Datasheet HTML 1Page - Exar Corporation MP7686JS Datasheet HTML 2Page - Exar Corporation MP7686JS Datasheet HTML 3Page - Exar Corporation MP7686JS Datasheet HTML 4Page - Exar Corporation MP7686JS Datasheet HTML 5Page - Exar Corporation MP7686JS Datasheet HTML 6Page - Exar Corporation MP7686JS Datasheet HTML 7Page - Exar Corporation MP7686JS Datasheet HTML 8Page - Exar Corporation MP7686JS Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
03
&026 %LW +LJK6SHHG
$QDORJWR'LJLWDO &RQYHUWHU
5HY 
(;$5 &RUSRUDWLRQ  .DWR 5RDG )UHPRQW &$  <   <  
.
0DUFK 
)($785(6
N 6DPSOLQJ 5DWHV IURP  WR  0+] 0636
N ,QWHUIDFH WR DQ\ ,QSXW 5DQJH EHWZHHQ *1' DQG 9''
N 3LSHOLQH 0RGH 3LQ &RPSDWLEOH 8SJUDGH RI 03
N 2QH 6KRW 0RGH
N 0RQRWRQLF 1R 0LVVLQJ &RGHV
N 6LQJOH 3RZHU 6XSSO\  WR  YROW
N /RZ 3RZHU &026  P: W\S
N (6' 3URWHFWLRQ  9ROWV 0LQLPXP
N /DWFK8S )UHH
%(1(),76
N +LJKHVW &RQYHUVLRQ 6SHHG DW /RZ 3RZHU
N 0RVW )OH[LEOH ,QSXW 5DQJH RI DQ\ $' $YDLODEOH
N 1R 6DPSOH+ROG 1HHGHG
N (DV\ 3LQJ3RQJLQJ IRU  0636 6\VWHP
*(1(5$/ '(6&5,37,21
7KH 03 LV D ELW PRQROLWKLF &026 VLQJOH VWHS KLJK
VSHHG $QDORJWR'LJLWDO &RQYHUWHU GHVLJQHG IRU SUHFLVLRQ
ELW DSSOLFDWLRQV LQ YLGHR VFDQQLQJ DQG GDWD DFTXLVLWLRQ
UHTXLULQJ FRQYHUVLRQ UDWHV WR  0+]
'LIIHUHQWLDO
/LQHDULW\ HUURU LV OHVV WKDQ  /6% DW  0+] DQG SRZHU
FRQVXPSWLRQ LV  P: W\SLFDO $ XQLTXH IHDWXUH RI WKLV
FRQYHUWHU LV LWV DELOLW\ WR GR D FRPSOHWH FRQYHUVLRQ ZLWK
MXVW WZR FORFN HGJHV RQH FORFN SXOVH  E\ VHWWLQJ 02'(
ORZ :KHQ 02'( LV VHW KLJK WKH GHYLFH EHKDYHV OLNH D
VWDQGDUG SLSHOLQHG FRQYHUWHU UHTXLULQJ  FORFN HGJHV
WZR FORFN SXOVHV WR FRPSOHWH WKH FRQYHUVLRQ
FRPSDWLEOH ZLWK WKH 03
$QRWKHU IHDWXUH RI 03 LV LWV XQLTXH LQSXW DUFKLWHFWXUH
ZKLFK HOLPLQDWHV WKH QHHG IRU DQ LQSXW WUDFN DQG KROG DQG
DOORZV IXOO VFDOH LQSXW UDQJHV IURP DERXW  WR  YROWV
SHDNWRSHDN UHIHUUHG WR JURXQG RU RIIVHW 7KH XVHU
VLPSO\ VHWV 95() ï DQG 95()  WR HQFRPSDVV WKH
GHVLUHG LQSXW UDQJH
03
LQFOXGHV

DXWREDODQFHG
FORFNHG
FRPSDUDWRUV DQ HQFRGHU VWDWH RXWSXW EXIIHUV D
UHIHUHQFH UHVLVWRU ODGGHU DQG DVVRFLDWHG WLPLQJ FLUFXLWU\
$Q RYHUIORZ ELW RU IODJ KDV EHHQ SURYLGHG WR PDNH LW
SRVVLEOH WR DFKLHYH ELW UHVROXWLRQ E\ FRQQHFWLQJ WZR
GHYLFHV LQ VHULHV ,Q QRUPDO RSHUDWLRQ WKLV IODJ KDV QR
HIIHFW RQ WKH GDWD ELWV
6,03/,),(' %/2&. $1' 7,0,1* ',$*5$0
*1'
2(
2(
2):
'%'%
&/.
/DGGHU
(QFRGHU
 5
5
5
5
0X[
 5
1%
1%
16
16
16


'))
&
&
&2):
&/.
3+$6(
02'(
9''
9,1
95() 
95() &75
95() ï
1
1
&/.
3LSHOLQH 0RGH
1
1
&/.
2QH6KRW 0RGH
'%'%
'%'%


Similar Part No. - MP7686JS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7680JE EXAR-MP7680JE Datasheet
307Kb / 12P
5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7680JN EXAR-MP7680JN Datasheet
307Kb / 12P
5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7680KE EXAR-MP7680KE Datasheet
307Kb / 12P
5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7680KN EXAR-MP7680KN Datasheet
307Kb / 12P
5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
More results

Similar Description - MP7686JS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8705 PHILIPS-TDA8705 Datasheet
117Kb / 16P
6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L85 EXAR-XRD87L85 Datasheet
1Mb / 15P
Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com