Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK155 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK155
Description  HIGH POWER DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK155 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK155 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK155 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK155 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK155 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK155 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
CURRENT LIMIT (SEE TYPICAL CONNECTION DIAGRAM)
SAFE OPERATING AREA (SOA)
The output stage of this power operational amplifier has three
distinct limitations:
1. The current handling capability of the die metallization.
2. The junction temperature of the output device's.
3. Secondary breakdown.
All applications should be checked against the SOA curves.
NOTE: The output stage is protected against transient flyback.
However, for protection against sustained, high energy flyback,
external fast-recovery reverse biased diodes should be connected
from the output to ground.
RCL=(0.809V/ICL) - 0.057Ω
A value of current limit resistance can be calculated as fol-
lows:
Where:
RCL is the current limit resistor value.
ICL is the current limit desired.
0.057Ω is the drop in the current limit path across internal
impedances other than the actual current limit resistor.
0.809Ω volts is the voltage drop that must be developed
across the current limit connections to activate the current
limit circuit at 25°C.
It is recommended the user limit output current to a value as
close to the required output current as possible, without clip-
ping output voltage swing. Current limit will vary with case
temperature. Refer to the typical performance curves to pre-
dict current limit drift. If current limit is not required replace the
TYPICAL CONNECTION DIAGRAM
A 0.1 microfarad ceramic disc and low ESR capacitor with a
value of 10 microfarads per amp of output current should be
placed in parallel from each power supply pin to ground. These
capacitors must be rated for the full power supply voltage. Since
the MSK 155 is commonly used in circuits where the loop gain
is greater than 10 V/V, high frequency noise that enters the op-
amp through the power supply lines will be amplified and could
cause the amplifier to break into oscillation. In addition, with-
out supply bypassing, the inductance of the power supply lines
interacts with capacitive loads to form an oscillatory LC tank
circuit. The power supply decoupling capacitors will minimize
this effect and keep the circuit stable.
POWER SUPPLY DECOUPLING
Input protection circuitry within the MSK 155 will clip differ-
ential input voltages greater than VCC. The inputs are also
protected against common mode voltages up to the supply rails
as well as static discharge. There are current limiting resistors
in series with each input. These resistors may become dam-
aged in the event the input overload is capable of driving cur-
rents above 1mA. If severe overload conditions are expected,
external input current limiting resistors are recommended.
INPUT PROTECTION
It is recommended that the parallel sum of the input and feed-
back resistor be 1000 ohms or less to minimize phase shift
caused by the R-C network formed by the input resistor, feed-
back resistor and input capacitance. An effective method of
checking amplifier stability is to apply the worst case capaci-
tive load to the output of the amplifier and drive a small signal
square wave across it. If overshoot is less than 25%, the
system will typically be stable.
STABILITY
3
Rev. A 12/01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com