Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK155 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK155
Description  HIGH POWER DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK155 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK155 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK155 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK155 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK155 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK155 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
FEATURES:
Available to DSCC SMD #5962-02509HX
Space Efficient Dual Power Amplifier
Low Cost
High Voltage Operation: Up to 80V
Low Quiescent Current: 40mA Typ. Total
High Output Current: 5A Min. Per Amp
High Speed: 10V/µS Typ.
Monolithic Technology
Replaces obsolete MSK 154 up to 80V
MIL-PRF-38534 QUALIFIED
155
ISO-9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
HIGH POWER DUAL
OPERATIONAL AMPLIFIER
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
PA Audio
Magnetic Deflection
Motor Drive
Noise Cancellation
High Power Bridge Amplifier
-Vcc1
Output Drive 1B
Output Drive 1A
+Vcc1
Current Sense 2
Inverting Input 2
Non Inverting Input 2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Non Inverting Input 1
Inverting Input 1
Current Sense1
+Vcc 2
Output Drive 2A
Output Drive 2B
-Vcc 2
EQUIVALENT SCHEMATIC
The MSK 155 is a high power dual monolithic operational amplifier ideally suited for high power amplification and
magnetic deflection applications. With a total supply voltage rating of 80 volts and 5A of available output current per
amplifier, the MSK 155 is also an excellent low cost choice for motor drive circuits. With both amplifiers in the same
package, thermally induced output offset voltages are eliminated. Power dissipation is kept to a minimum with a total
quiescent current rating of only 40mA. The MSK 155 is packaged in a hermetically sealed 14 pin power dip with heat
sink bolt down tabs.
DESCRIPTION:
Rev. A 12/01
1


Similar Part No. - MSK155

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
HIGH POWER DUAL OPERATIONAL AMPLIFIER
MSK155H ANAREN-MSK155H Datasheet
349Kb / 6P
HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK155 MSK-MSK155_15 Datasheet
168Kb / 6P
Space Efficient Dual Power Amplifier
More results

Similar Description - MSK155

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA2465 SIEMENS-TCA2465 Datasheet
283Kb / 26P
Dual Power Operational Amplifier
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
Dual Power Operational Amplifier
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
Dual Power Operational Amplifier
logo
Burr-Brown (TI)
OPA2541 BURR-BROWN-OPA2541 Datasheet
140Kb / 8P
Dual High Power OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA2541SK ETC-OMA2541SK Datasheet
58Kb / 4P
DUAL HIGH POWER OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
Dual Power Operational Amplifier
logo
Texas Instruments
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
Dual High Power OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Texas Instruments
OPA2541 TI1-OPA2541 Datasheet
207Kb / 13P
Dual High Power OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
HIGH POWER DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com