Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10A04GP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 10A04GP
Description  10 Amp Rectifier 50 to 1000 Volts Glass Passivated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

10A04GP Datasheet(HTML) 2 Page - Micro Commercial Components

  10A04GP Datasheet HTML 1Page - Micro Commercial Components 10A04GP Datasheet HTML 2Page - Micro Commercial Components 10A04GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
2.0
4.0
6.0
8.0
0
0
TA, AMBIENT TEMPERATURE (ºC)
Fi
g. 1 Forward Current Derating Curve
12
10
50
100
150
200
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
0.1
1.0
10
100
0
0.4
0.8
1.2
1.6
Pulse Width = 300 ms
2% Duty Cycle
T = 25ºC
j
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
1.0
T = 25°C
f = 1MHz
j
10A01GP - 10A04GP
10A05GP - 10A07GP
0
75
150
225
300
375
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
10A01GP thru 10A07GP
Revision: B
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com