Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10A04GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 10A04GP
Description  10 Amp Rectifier 50 to 1000 Volts Glass Passivated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

10A04GP Datasheet(HTML) 1 Page - Micro Commercial Components

  10A04GP Datasheet HTML 1Page - Micro Commercial Components 10A04GP Datasheet HTML 2Page - Micro Commercial Components 10A04GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10A01GP
THRU
10A07GP
10 Amp
Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
10A01GP
50V
35V
50V
10A02GP
100V
70V
100V
10A03GP
200V
140V
200V
10A04GP
400V
280V
400V
10A05GP
600V
420V
600V
10A06GP
800V
560V
800V
10A07GP
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TA = 50
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.2V
IFM = 10A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
100
µA
TA = 25
°C
TA =
100°C
Typical Junction
Capacitance
CJ
Resistance Junction
to Ambien
RthJA
10K/W
R-6
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
D
D
C
Cathode
150pF
Typical Thermal
Measured at
1.0MHz, VR=4.0V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
10A01GP
10A02GP
10A03GP
10A04GP
10A05GP
10A06GP
10A07GP
www.mccsemi.com
1 of 3
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Glass Passivated
•
Epoxy meets UL 94 V-0 flammability rating
•
High Current Capability and Low Forward Voltage Drop
•
Surge Overload Rating to 200A Peak
•
Low Reverse Leakage Current and Galss Passivared Junction
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - 10A04GP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A04 DIODES-10A04 Datasheet
48Kb / 2P
10A RECTIFIER
DS28010 Rev. B-2
logo
Micro Commercial Compon...
10A04 MCC-10A04 Datasheet
88Kb / 2P
10 Amp Rectifier 50 to 1000 Volts
logo
Diodes Incorporated
10A04 DIODES-10A04 Datasheet
67Kb / 3P
10A RECTIFIER
DS28010 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
10A04 TSC-10A04 Datasheet
60Kb / 2P
10.0 AMPS. Silicon Rectifiers
logo
Shanghai Lunsure Electr...
10A04 CHENYI-10A04 Datasheet
51Kb / 2P
10Amp Rectifier 50to1000Volts
More results

Similar Description - 10A04GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
GBJ10005 MCC-GBJ10005 Datasheet
89Kb / 2P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ10005 MCC-GBJ10005_10 Datasheet
110Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ10005 MCC-GBJ10005_11 Datasheet
213Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL10005 MCC-GBJL10005 Datasheet
257Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ10005 MCC-GBJ10005_13 Datasheet
226Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA10005 MCC-GBJA10005 Datasheet
327Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL10005 MCC-GBJL10005_14 Datasheet
269Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA10005 MCC-KBJA10005 Datasheet
505Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
FR1001GP MCC-FR1001GP Datasheet
454Kb / 3P
10 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com