Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTE-S9511TS-R Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTE-S9511TS-R
Description  Infrared
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-S9511TS-R Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTE-S9511TS-R Datasheet HTML 1Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 2Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 3Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 4Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 5Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 6Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 7Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 8Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3/8
Part No. : LTE-S9511TS-R
BNS-OD-FC 002/A4
IR Emitter
LTE-S9511TS-R
4. Electrical / Optical Characteristics at TA=25℃
℃
℃
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Radiant Intensity
IE
6.3
24
-
mW/sr
IF = 20mA
Peak Emission Wavelength
λPeak
-
940
-
nm
IF = 20mA
Spectral Line Half-Width
Δλ
-
50
-
nm
IF = 20mA
Forward Voltage
VF
-
1.3
1.6
V
IF = 20mA
Reverse Current
IR
-
-
10
μA
VR = 5V
Viewing Angle
2θ1/2
-
18
-
deg
NOTE:
1. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
3.Test tolerance of IE is ±15%.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com