Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTE-S9511TS-R Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTE-S9511TS-R
Description  Infrared
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-S9511TS-R Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTE-S9511TS-R Datasheet HTML 1Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 2Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 3Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 4Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 5Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 6Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 7Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 8Page - Lite-On Technology Corporation LTE-S9511TS-R Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1/8
Part No. : LTE-S9511TS-R
BNS-OD-FC 002/A4
IR Emitter
LTE-S9511TS-R
1. Description
Lite-On offers a broad range of discrete infrared components for application such as remote control, IR wireless data
transmission, security alarm & etc. Customers need infrared solutions featuring high power, high speed and wide viewing
angels. The product line includes GaAs 940nm IREDs, AlGaAs high speed 850nm IREDs, PIN Photodiodes and
Phototransistors. Photodiodes and Phototransistors can be provided with a filter that reduces digital light noise in the sensor
function, which enables a high signal-to-noise ratio.
1. 1. Features
Meet RoHS, Green Product.
Package In 8mm Tape On 7" Diameter Reels..
Compatible With Automatic Placement Equipment.
Compatible With Infrared Reflow Solder Process.
EIA STD package.
Peak wavelength λp=940nm
Side View With Water Clear Lens.
Moisture-Sensitive Level 3
1.2. Applications
Infrared emitter
PCB Mounted Infrared Sensor
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15mm (.006") unless otherwise noted.
3.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com