Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F370 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 76Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 77Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 78Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 79Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 80Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 81Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 82Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 83Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 225 page
background image
Rev. 1.00
80
�an�a�� 0�� �01�
Rev. 1.00
81
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Bit2
PEFS2:PE2Pin-Sharedfunctionselection
0:PE2
1:SEG10
Bit1
PEFS1:PE1Pin-Sharedfunctionselection
0:PE1
1:SEG9
Bit0
PEFS0:PE0Pin-Sharedfunctionselection
0:PE0
1:SEG8
• PFFS Register
Bit
7
6
5
4
3
2
1
0
Name
PFFS�
PFFS�
PFFS5
PFFS4
PFFS3
PFFS�
PFFS1
PFFS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit7
PFFS7:PF7Pin-Sharedfunctionselection
0:PF7
1:SEG23
Bit6
PFFS6:PF6Pin-Sharedfunctionselection
0:PF6
1:SEG22
Bit5
PFFS5:PF5Pin-Sharedfunctionselection
0:PF5
1:SEG21
Bit4
PFFS4:PF4Pin-Sharedfunctionselection
0:PF4
1:SEG20
Bit3
PFFS3:PF3Pin-Sharedfunctionselection
0:PF3
1:SEG19
Bit2
PFFS2:PF2Pin-Sharedfunctionselection
0:PF2
1:SEG18
Bit1
PFFS1:PF1Pin-Sharedfunctionselection
0:PF1
1:SEG17
Bit0
PFFS0:PF0Pin-Sharedfunctionselection
0:PF0
1:SEG16
• PGFS Register
Bit
7
6
5
4
3
2
1
0
Name
PGFS�
PGFS�
PGFS5
PGFS4
PGFS3
PGFS�
PGFS1
PGFS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit7
PGFS7:PG7Pin-Sharedfunctionselection
0:PG7
1:SEG31
Bit6
PGFS6:PG6Pin-Sharedfunctionselection
0:PG6
1:SEG30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com