Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F370 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 23Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 225 page
background image
Rev. 1.00
�0
�an�a�� 0�� �01�
Rev. 1.00
�1
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
LCD D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min Typ. Max Unit
VDD
Conditions
ISTB
Standb� C���ent (IDLE Mode)
(fSYS� fWDT off� fSUB=fLXT o� fLIRC)
3V No load� s�stem HALT�
LCD on� WDT off� C t�pe�
VLCD=VDD� 1/� Bias
—
�
10
μA
5V
—
10
15
3V No load� s�stem HALT�
LCD on� WDT off� C t�pe�
VLCD=VDD� 1/3 Bias
—
�
10
μA
5V
—
10
15
3V load� s�stem HALT�
LCD on� WDT off� R t�pe�
VLCD=VDD� 1/� bias (IBIAS=7.5μA)
—
13.5 �0
μA
5V
—
��.5 40
3V No load� s�stem HALT�
LCD on� WDT off� R t�pe�
VLCD=VDD� 1/� bias (IBIAS=15μA)
—
�1
40
μA
5V
—
35
�0
3V No load� s�stem HALT�
LCD on� WDT off� R t�pe�
VLCD=VDD� 1/� bias (IBIAS=45μA)
—
51
80
μA
5V
—
85
1�0
3V No load� s�stem HALT�
LCD on� WDT off� R t�pe�
VLCD=VDD� 1/� bias (IBIAS=90μA)
—
9�
1�0
μA
5V
—
1�0 3�0
3V No load� s�stem HALT�
LCD on� WDT off� R t�pe�
VLCD=VDD� 1/3 bias (IBIAS=7.5μA)
—
11
�0
μA
5V
—
18.3 40
3V No load� s�stem HALT�
LCD on� WDT off� R t�pe�
VLCD=VDD� 1/3 bias (IBIAS=15μA)
—
1�
�5
μA
5V
—
��.� 50
3V No load� s�stem HALT�
LCD on� WDT off� R t�pe�
VLCD=VDD� 1/3 bias (IBIAS=45μA)
—
3�
50
μA
5V
—
�0
100
3V No load� s�stem HALT�
LCD on� WDT off� R t�pe�
VLCD=VDD� 1/3 bias (IBIAS=90μA)
—
��
100
μA
5V
—
110 �00
ILCDOL
LCD Common and Segment Sink
C���ent
3V
VOL=0.1VDD
�10
4�0
—
μA
5V
350
�00
—
ILCDOH
LCD Common and Segment
So��ce C���ent
3V
VOH=0.9VDD
-80
-1�0 —
μA
5V
-180 -3�0 —



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com