Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F001 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT68F001
Description  Cost-Effective Flash MCU
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F001 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT68F001 Datasheet HTML 35Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 36Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 39Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 40Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 41Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 42Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Rev. 1.01
38
��to�e� 11� �01�
Rev. 1.01
39
��to�e� 11� �01�
HT68F001
Cost-Effective Flash MCU
HT68F001
Cost-Effective Flash MCU
Programming Considerations
Bydisablingtherelevantinterruptenablebits,arequestedinterruptcanbepreventedfrombeing
serviced,however,onceaninterruptrequestflagisset,itwillremaininthisconditioninthe
interruptregisteruntilthecorrespondinginterruptisservicedoruntiltherequestflagisclearedby
theapplicationprogram.
Itisrecommendedthatprogramsdonotusethe“CALL”instructionwithintheinterruptservice
subroutine.Interruptsoftenoccurinanunpredictablemannerorneedtobeservicedimmediately.
Ifonlyonestackisleftandtheinterruptisnotwellcontrolled,theoriginalcontrolsequencewillbe
damagedonceaCALLsubroutineisexecutedintheinterruptsubroutine.
EveryinterrupthasthecapabilityofwakingupthemicrocontrollerwhenitisinSLEEPorIDLE
Mode,thewakeupbeinggeneratedwhentheinterruptrequestflagchangesfromlowtohigh.Ifitis
requiredtopreventacertaininterruptfromwakingupthemicrocontrollerthenitsrespectiverequest
flagshouldbefirstsethighbeforeenterSLEEPorIDLEMode.
AsonlytheProgramCounterispushedontothestack,thenwhentheinterruptisserviced,ifthe
contentsoftheaccumulator,statusregisterorotherregistersarealteredbytheinterruptservice
program,theircontentsshouldbesavedtothememoryatthebeginningoftheinterruptservice
routine.
Toreturnfromaninterruptsubroutine,eitheraRETorRETIinstructionmaybeexecuted.TheRETI
instructioninadditiontoexecutingareturntothemainprogramalsoautomaticallysetstheEMI
bithightoallowfurtherinterrupts.TheRETinstructionhoweveronlyexecutesareturntothemain
programleavingtheEMIbitinitspresentzerostateandthereforedisablingtheexecutionoffurther
interrupts.
Application Circuits
104
1.8V~5.5V
VSS
VDD
Time Base
PA3/TC
GPI�
HT8 MCU
Co�e
Time�/Event
Counte�
PA0/ICPDA
PA�/ICPCK
PA1
PA4
PA5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com