Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F001 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT68F001
Description  Cost-Effective Flash MCU
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F001 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT68F001 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F001 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
Rev. 1.01
1�
��to�e� 11� �01�
Rev. 1.01
13
��to�e� 11� �01�
HT68F001
Cost-Effective Flash MCU
HT68F001
Cost-Effective Flash MCU
Sta�k
Pointe�
Sta�k Level �
Sta�k Level 1
P�og�am Memo�y
P�og�am Counte�
Bottom of Sta�k
Top of Sta�k
Arithmetic and Logic Unit – ALU
Thearithmetic-logicunitorALUisacriticalareaofthemicrocontrollerthatcarriesoutarithmetic
andlogicoperationsoftheinstructionset.Connectedtothemainmicrocontrollerdatabus,theALU
receivesrelatedinstructioncodesandperformstherequiredarithmeticorlogicaloperationsafter
whichtheresultwillbeplacedinthespecifiedregister.AstheseALUcalculationoroperationsmay
resultincarry,borroworotherstatuschanges,thestatusregisterwillbecorrespondinglyupdatedto
reflectthesechanges.TheALUsupportsthefollowingfunctions:
• Arithmeticoperations:ADD,ADDM,ADC,ADCM,SUB,SUBM,SBC,SBCM,DAA
• Logicoperations:AND,OR,XOR,ANDM,ORM,XORM,CPL,CPLA
• Rotation:RRA,RR,RRCA,RRC,RLA,RL,RLCA,RLC
• IncrementandDecrement:INCA,INC,DECA,DEC
• Branchdecision:JMP,SZ,SZA,SNZ,SIZ,SDZ,SIZA,SDZA,CALL,RET,RETI
Theinstructionsrelatedtotheimmediatedataareonlyavailableforthe4-bitlownibble.The4-bit
highnibbledatamustbefilledwithavalueof0H.Therefore,todealwiththeoperationwithan
8-bitimmediatedata,thehighnibbledatashouldfirstbeprocessedfollowedbythelownibbledata
togetherwiththeSWAPinstruction.
Toachievethe“MOVA,03CH”operation,thefollowingthreeinstructionsshouldbeexecuted:
MOV A,03H ;Highnibbleimmediatedataprocessedfirst
SWAP ACC
MOV A,0CH
; Low nibble immediate data processed later
Toachievethe“RETA,0C3H”operation,thefollowingthreeinstructionsshouldbeexecuted:
MOV A,0CH ;Highnibbleimmediatedataprocessedfirst
SWAP ACC
RET A,03H
; Low nibble immediate data processed later



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com