Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2250 Datasheet(PDF) 97 Page - Holtek Semiconductor Inc

Part # HT85F2250
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2250 Datasheet(HTML) 97 Page - Holtek Semiconductor Inc

Back Button HT85F2250 Datasheet HTML 93Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 94Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 95Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 96Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 97Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 98Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 99Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 100Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 101Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 187 page
background image
Rev. 1.10
97 of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
High byte of Interrupt Priority Register 0: IP0H
SFR Address: B9h
Bit
7
6
5
4
3
2
1
0
Name
—
—
PT�H
PS0H
PT1H
PX1H
PT0H
PX0H
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit 7~6
Unimplemented, read as “0”
Bit 5
PT2H: Timer 2 Interrupt priority high
High order bit for Timer 2 interrupt priority level.
Bit 4
PS0H: UART 0 Interrupt priority high
High order bit for UART 0 interrupt priority level.
Bit 3
PT1H: Timer 1 Interrupt priority high
High order bit for Timer 1 interrupt priority level.
Bit 2
PX1H: External interrupt 1 priority high
High order bit for External Interupt 1 interrupt priority level.
Bit 1
PT0H: Timer 0 Interrupt priority high
High order bit for Timer 0 interrupt priority level.
Bit 0
PX0H: External interrupt 0 priority high
High order bit for External Interupt 0 interrupt priority level.
Low byte of Interrupt Priority Register 1: IP1
SFR Address: E4h
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
PCMP
PCCU�
PCCU�
PCCU1
PCCU0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit 7~5
Unimplemented, read as “0”
Bit 4
PCMP: Comparator Interrupt priority low
Low order bit for Comparator interrupt priority level.
Bit 3
PCCU3: CCU3 Interrupt priority low
Low order bit for CCU3 interrupt priority level.
Bit 2
PCCU2: CCU2 Interrupt priority low
Low order bit for CCU2 interrupt priority level.
Bit 1
PCCU1: CCU1 Interrupt priority low
Low order bit for CCU1 interrupt priority level.
Bit 0
PCCU0: CCU0 Interrupt priority low
Low order bit for CCU0 interrupt priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com