Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2250 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT85F2250
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2250 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT85F2250 Datasheet HTML 13Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 14Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 15Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 16Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 17Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 18Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 19Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 20Page - Holtek Semiconductor Inc HT85F2250 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 187 page
background image
Rev. 1.10
17 of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
3 Selection Table
Most features are common to all devices, the main feature distinguishing them is Program Memory
capacity. The following table summarises the main features of each device.
Part No.
VDD
Program
Memory
Data
Memory
I/O
Ext.
Interrupt
16-bit
Timer
16-bit
PCA
Time
Base
HT8�F���0
�.�V~�.�V
8K×8
448×8
��
�
�
CCU×4
1
HT8�F��6�
�.�V~�.�V
16K×8
448×8
��
�
�
CCU×4
1
Part No.
A/D
Comparator
I2C
UART
Temp. Sensor
Package
HT8�F���0
1�-bit×9
1
√
1
√
�0/�4/�8
SOP/SSOP
HT8�F��6�
1�-bit×9
1
√
1
√
�0/�4/�8
SOP/SSOP
Note: CCU stands for Compare/Capt�re Unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com