Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR8-NJS-R-1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DR8-NJS-R-1
Description  DomiLED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DR8-NJS-R-1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DR8-NJS-R-1 Datasheet HTML 1Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 2Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 3Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 4Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 5Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 6Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 7Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 8Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
17/10/2017 V2.0
Forward Current Vs Forward Voltage
I
F = f(VF); Tj = 25°C
Forward Voltage V
F (V)
Forward Current I
F (mA)
Relative Radiant Intensity Vs Forward Current
I
e/Ie(70mA) = f(IF); Tj = 25°C
Temperature T(°C)
Maximum Current Vs Temperature
I
F=f(T)
Relative Spectral Emission
I
rel = f(λ); Tj = 25°C; IF = 70mA
Wavelength λ (nm)
Duty Ratio, %
Allowable Forward Current Vs Duty Ratio
( T
j = 25°C; tp 10μs)
Radiation Pattern
IR : DR8-NJS
DOMINANT
Opto Technologies
Innovating Illumination
TM
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
700
750
800
850
900
950
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90 100 110
Ta
T= Ambient Temperature
-0.005
-0.004
-0.003
-0.002
-0.001
0.000
0.001
0.002
0.003
0.004
0.005
0
30
60
90
120 150 180 210 240 270 300
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Radiant IntensityVs Forward Current
Ie/Ie(70mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 70mA
∆Cx
∆Cy
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
700
750
800
850
900
950
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90 100 110
Ta
T= Ambient Temperature
-0.005
-0.004
-0.003
-0.002
-0.001
0.000
0.001
0.002
0.003
0.004
0.005
0
30
60
90
120 150 180 210 240 270 300
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Radiant IntensityVs Forward Current
Ie/Ie(70mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 70mA
∆Cx
∆Cy
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
700
750
800
850
900
950
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90 100 110
Ta
T= Ambient Temperature
-0.005
-0.004
-0.003
-0.002
-0.001
0.000
0.001
0.002
0.003
0.004
0.005
0
30
60
90
120 150 180 210 240 270 300
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Radiant IntensityVs Forward Current
Ie/Ie(70mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 70mA
∆Cx
∆Cy
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Forward Current IF (mA)
Forward Current Vs Forward Voltage
IF = f(VF); Tj = 25°C
Forward Voltage VF(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
700
750
800
850
900
950
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90 100 110
Ta
T= Ambient Temperature
-0.005
-0.004
-0.003
-0.002
-0.001
0.000
0.001
0.002
0.003
0.004
0.005
0
30
60
90
120 150 180 210 240 270 300
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
Forward Current IF (mA)
Allowable Forward Current Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Radiant IntensityVs Forward Current
Ie/Ie(70mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 70mA
∆Cx
∆Cy
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
1.40
1.45
1.50
1.55
1.60
1.65
1.70
ForwardCurrent IF (mA)
ForwardCurrent Vs Forward Voltage
IF = f(VF); Tj = 25°C
ForwardVoltage VF(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
700
750
800
850
900
950
Wavelength λ (nm)
Maximum Current Vs Temperature
IF = f (T)
Temperature T(°C)
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90 100 110
Ta
T= Ambient Temperature
-0.005
-0.004
-0.003
-0.002
-0.001
0.000
0.001
0.002
0.003
0.004
0.005
0
30
60
90 120 150 180 210 240 270 300
Chromaticity Coordinate Shift Vs Forward Current
∆Cx, ∆Cy = f(IF);Tj = 25°C
ForwardCurrent IF (mA)
Allowable ForwardCurrent Vs Duty Ratio
( Tj = 25°C; tp ≤ 10μs )
Duty Ratio, %
10
100
1000
0.1
1
10
100
Relative Radiant IntensityVs Forward Current
Ie/Ie(70mA) = f(IF); Tj = 25°C
Relative Spectral Emission
Irel = f(λ); Tj = 25°C; IF = 70mA
∆Cx
∆Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com