Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR8-NJS-R-1 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DR8-NJS-R-1
Description  DomiLED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DR8-NJS-R-1 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DR8-NJS-R-1 Datasheet HTML 1Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 2Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 3Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 4Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 5Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 6Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 7Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 8Page - DOMINANT Semiconductors DR8-NJS-R-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
17/10/2017 V2.0
1
Features:
> High brightness surface mount LED using thin film technology.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to both IR reflow soldering.
> Environmental friendly; RoHS compliance.
> Qualified based on AEC-Q101 Standard.
> Passed Corrosion Resistant Test.
DomiLED
Synonymous with function and performance, the DomiLED series is
perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET:
DomiLED
IR : DR8-NJS
© 2005 DomiLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: Interior applications.
> Infrared illumination.
> Sensor technology.
> IR data transmission.
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DR8-NJS-R-1

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
DR800 EDI-DR800 Datasheet
45Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
Murata Manufacturing Co...
DR8000 MURATA-DR8000 Datasheet
412Kb / 7P
916.50 MHz Transceiver Module
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
DR8000-EV MURATA-DR8000-EV Datasheet
203Kb / 8P
916.50 MHz Transceiver Evaluation Module
DR8001 MURATA-DR8001 Datasheet
401Kb / 8P
868.35 MHz Transceiver Module
More results

Similar Description - DR8-NJS-R-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDB-DZJS-PQ2-1 DOMINANT-DDB-DZJS-PQ2-1 Datasheet
1Mb / 13P
DomiLED
DWW-KZKG DOMINANT-DWW-KZKG_16 Datasheet
1Mb / 16P
Power DomiLED
DWX-HKG DOMINANT-DWX-HKG_17 Datasheet
1Mb / 14P
Power DomiLED
DWX-MJS DOMINANT-DWX-MJS_17 Datasheet
1Mb / 15P
Power DomiLED
DWX-MZJS DOMINANT-DWX-MZJS_18 Datasheet
1Mb / 14P
Power DomiLED
DWZY-KZKG DOMINANT-DWZY-KZKG_16 Datasheet
1Mb / 15P
Power DomiLED
D6RTB-DJD DOMINANT-D6RTB-DJD_16 Datasheet
1Mb / 14P
Multi DomiLED
D6RTB-HJD DOMINANT-D6RTB-HJD Datasheet
1Mb / 14P
Multi DomiLED
D6RTB-SKG DOMINANT-D6RTB-SKG Datasheet
1Mb / 16P
Multi DomiLED
D6RTB-YJG DOMINANT-D6RTB-YJG Datasheet
2Mb / 16P
Multi DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com