Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3224-DC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PIP3224-DC
Description  Dual channel high-side TOPFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3224-DC Datasheet(HTML) 4 Page - NXP Semiconductors

  PIP3224-DC Datasheet HTML 1Page - NXP Semiconductors PIP3224-DC Datasheet HTML 2Page - NXP Semiconductors PIP3224-DC Datasheet HTML 3Page - NXP Semiconductors PIP3224-DC Datasheet HTML 4Page - NXP Semiconductors PIP3224-DC Datasheet HTML 5Page - NXP Semiconductors PIP3224-DC Datasheet HTML 6Page - NXP Semiconductors PIP3224-DC Datasheet HTML 7Page - NXP Semiconductors PIP3224-DC Datasheet HTML 8Page - NXP Semiconductors PIP3224-DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
PIP3224-DC
Dual channel high-side TOPFET™
Product data
Rev. 01 — 20 February 2004
4 of 16
9397 750 12362
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.
Functional description
A diagnostic status ensures faster fault detection.
Active current limit is combined with latched short circuit protection in order to
protect the device in the event of a short circuit.
Thermal shutdown for high temperature conditions has an automatic restart at a
lower temperature so providing protection against excessive power dissipation.
Active clamping protects the device against low energy spikes.
Undervoltage lockout means the device shuts down for low battery voltages, thus
avoiding faulty operation.
Overvoltage shutdown in the on-state protects a load such as a lamp filament from
potentially destructive voltage spikes.
[1]
The status will continue to indicate OT (even if the input goes LOW) until the device cools below the reset threshold temperature.
See “Overtemperature protection” characteristics in Table 7 “Static characteristics”.
Table 4:
Truth table
Abbreviations: L = logic LOW; H = logic HIGH; X = don’t care; 0 = condition not present; 1 = condition present;
UV = undervoltage; OV = overvoltage; OC = open circuit load; SC = short circuit; OT = overtemperature [1].
Input
Supply
Load 1
Load 2
Load output
Status Operating mode
1
2
UV
OV
OC
SC
OT
OC
SC
OT
1
2
L
L
0
X
0
X
X
0
X
X
OFF
OFF
H
both off & normal
L
L
0
X
1
XXXXX
OFF
OFF
L
both off, one/both OC or
shorted to VS or battery;
Figure 10
L
H
0
X
1
X
X
0
0
0
OFF
ON
L
one off & OC, with other on
& normal
H
L00000000
ON
OFF
H
one on & normal, with other
off & normal
H
H
00000000
ON
ON
H
both on & normal
H
X
1
0
X
X
X
0
X
X
OFF
OFF
H
supply undervoltage lockout
H
X
0
1
X
0
0
X
0
0
OFF
OFF
H
supply overvoltage
shutdown
H
X
0001
XXXX
OFF
X
L
one SC tripped
H
L0001
X
0
0
X
OFF
OFF
L
one SC tripped, with other
off & normal
H
H
0001
X
000
OFF
ON
L
one SC tripped, with other
on & normal
H
X
00001
X
X
X
OFF
X
L
one OT shutdown
H
L0000100
X
OFF
OFF
L
one OT shutdown, with other
off & normal
H
H
00001000
OFF
ON
L
one OT shutdown, with other
on & normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com