Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3224-DC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PIP3224-DC
Description  Dual channel high-side TOPFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3224-DC Datasheet(HTML) 5 Page - NXP Semiconductors

  PIP3224-DC Datasheet HTML 1Page - NXP Semiconductors PIP3224-DC Datasheet HTML 2Page - NXP Semiconductors PIP3224-DC Datasheet HTML 3Page - NXP Semiconductors PIP3224-DC Datasheet HTML 4Page - NXP Semiconductors PIP3224-DC Datasheet HTML 5Page - NXP Semiconductors PIP3224-DC Datasheet HTML 6Page - NXP Semiconductors PIP3224-DC Datasheet HTML 7Page - NXP Semiconductors PIP3224-DC Datasheet HTML 8Page - NXP Semiconductors PIP3224-DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
PIP3224-DC
Dual channel high-side TOPFET™
Product data
Rev. 01 — 20 February 2004
5 of 16
9397 750 12362
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Limiting values
[1]
The device will not be harmed by exposure to the maximum supply voltage, but normal operation is not possible because of overvoltage
shutdown - see Table 7 “Static characteristics” for the operating range.
[2]
Reverse battery voltage is only allowed with external resistors to limit the input and status currents to a safe value. The connected load
must limit the reverse load current. The internal ground resistor limits the reverse battery ground current. See Figure 10 “Typical
dynamic response circuit diagram including reverse supply protection and open load detection.”
7.
Thermal characteristics
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VBG
battery-ground supply voltage
[1]
-45
V
IL
load current
Tmb ≤ 130 °C-
4
A
Ptot
total power dissipation
Tmb ≤ 25 °C
-
44.6
W
Tstg
storage temperature
−55
+175
°C
Tj
junction temperature
−40
+150
°C
Tmb
mounting base temperature
during soldering (
≤ 10 s)
-
260
°C
Reverse battery voltage
VBGR
reverse battery-ground supply voltage
RI ≥ 3.3 kΩ; RSS ≥ 3.3 kΩ; Figure 10
[2]
-16
V
VBGRR
repetitive reverse battery-ground
supply voltage
-32
V
Input current
II
input current
−5+5
mA
IIRM
repetitive peak input current
δ≤ 0.1; tp = 300 µs
−50
+50
mA
Status current
IS
status current
−5+5
mA
ISRM
repetitive peak status current
δ≤ 0.1; tp = 300 µs
−50
+50
mA
Inductive load clamping
EBL(CL)S
non-repetitive battery-load clamping
energy
Tj = 150 °C prior to turn-off; VBG =13V;
IL = 5 A; (one channel) Figure 13
-60
mJ
Electrostatic discharge voltage
Vesd
electrostatic discharge voltage
Human Body Model 1; C = 100 pF;
R = 1.5 k
Ω
-2
kV
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to
mounting base
per channel
-
4
5.6
K/W
both channels
-
2
2.8
K/W
Rth(j-a)
thermal resistance from junction to
ambient
mounted on printed circuit board;
minimum footprint
-
50
-
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com