Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40X Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS40X
Description  Surface Mount Schottky Barrier Diode 150mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS40X Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS40X Datasheet HTML 1Page - Micro Commercial Components BAS40X Datasheet HTML 2Page - Micro Commercial Components BAS40X Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
40
V
RMS Reverse Voltage
V
R(RMS)
28
V
Forward Continuous Current
I
F
200
mA
Surge forward current
I
FSM
600
mA
Power Dissipation
P
d
150
mW
Thermal resistance junction to ambient
R
thja
357
°C/W
Junction temperature
T
j
-55 to +125
oC
Storage temperature range
T
STG
-
55 to +150
oC
Electrical Characteristics @ 25
oC Unless Otherwise Specified
BAS40
X
www.mccsemi.com
Revision: A
2017/06/22
1 of
3
Surface Mount
Schottky Barrier Diode
150mW
Features
SOD
-523
Maximum Ratings @ 25
oC Unless Otherwise Specified
Micro Commercial Components
M C C
R
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939
• Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
•
Low turn-on voltage.
•
Halogen free available upon request by adding suffix "-HF"
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
•
Fast switching.
A
B
E
C
H
G
D
F
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.00
6
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.7
7
0.6mm
1.1mm
Suggested Solder Pad Layout
0.8mm
Characteristic
Symbol
Min
Typ MAX UNIT Test Condition
Reverse Breakdown
Voltage
V(BR)
40
-
-
V
IR= 10μA
Forward Voltage
VF
-
-
380
1000
mV
tP<300μs,IF=1.0mA
tP<300μs,IF=40mA
Reverse Leakage
Current
IR
-
20
200
nA
VR=30V
Junction Capacitance
Cj
-
4.0
pF
VR=0V,f=1.0MHz
Reverse Recovery
Time
trr
-
-
5.0
ns
IF=IR=10mA to
IR=1.0mA,RL=100Ω
-
Mechanical Data
VR
VRWM
VRRM


Similar Part No. - BAS40X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40XY PHILIPS-BAS40XY Datasheet
136Kb / 21P
General-purpose Schottky diodes
Rev. 07-12 May 2006
BAS40XY NXP-BAS40XY Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40XY NXP-BAS40XY Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40XY NXP-BAS40XY Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
logo
Nexperia B.V. All right...
BAS40XY NEXPERIA-BAS40XY Datasheet
198Kb / 8P
General-purpose quadruple Schottky diode
7 March 2022
More results

Similar Description - BAS40X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT Datasheet
65Kb / 3P
150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
BZX84C2V4T DIODES-BZX84C2V4T_1 Datasheet
372Kb / 3P
150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
MMBZ5221BT DIODES-MMBZ5221BT_1 Datasheet
461Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
BZX84C2V4T DIODES-BZX84C2V4T_08 Datasheet
163Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
MMBZ5221BT DIODES-MMBZ5221BT_08 Datasheet
156Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
BZX84C2V4T DIODES-BZX84C2V4T_15 Datasheet
163Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev 10
MMBZ5221BT DIODES-MMBZ5221BT_15 Datasheet
156Kb / 4P
150mW SURFACE MOUNT ZENER DIODE
Rev 11
logo
Micro Commercial Compon...
BAT43X MCC-BAT43X Datasheet
537Kb / 3P
Schottky Barrier Diode 150mW
logo
Diodes Incorporated
BZX84C5V6TQ DIODES-BZX84C5V6TQ Datasheet
585Kb / 5P
150mW SURFACE MOUNT ZENER DIODE
January 2023 Rev. 1 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com