Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDC20G10-25PC/PI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # PLDC20G10-25PC/PI
Description  CMOS Generic 24-Pin Reprogrammable Logic Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PLDC20G10-25PC/PI Datasheet(HTML) 1 Page - Cypress Semiconductor

  PLDC20G10-25PC/PI Datasheet HTML 1Page - Cypress Semiconductor PLDC20G10-25PC/PI Datasheet HTML 2Page - Cypress Semiconductor PLDC20G10-25PC/PI Datasheet HTML 3Page - Cypress Semiconductor PLDC20G10-25PC/PI Datasheet HTML 4Page - Cypress Semiconductor PLDC20G10-25PC/PI Datasheet HTML 5Page - Cypress Semiconductor PLDC20G10-25PC/PI Datasheet HTML 6Page - Cypress Semiconductor PLDC20G10-25PC/PI Datasheet HTML 7Page - Cypress Semiconductor PLDC20G10-25PC/PI Datasheet HTML 8Page - Cypress Semiconductor PLDC20G10-25PC/PI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
CMOS Generic 24-Pin Reprogrammable
Logic Device
PLDC20G10B
PLDC20G10
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-03010 Rev. *A
Revised April 20, 2004
Features
• Fast
— Commercial: tPD = 15 ns, tCO = 10 ns, tS = 12 ns
— Military: tPD = 20 ns, tCO = 15 ns, tS = 15 ns
•Low power
—ICC max.: 70 mA, commercial
—ICC max.: 100 mA, military
• Commercial and military temperature range
• User-programmable output cells
— Selectable for registered or combinatorial operation
— Output polarity control
— Output enable source selectable from pin 13 or
product term
• Generic architecture to replace standard logic
functions including: 20L10, 20L8, 20R8, 20R6, 20R4,
12L10, 14L8, 16L6, 18L4, 20L2, and 20V8
• Eight product terms and one OE product term per output
• CMOS EPROM technology for reprogrammability
• Highly reliable
— Uses proven EPROM technology
— Fully AC and DC tested
— Security feature prevents logic pattern duplication
—
±10% power supply voltage and higher noise
immunity
Functional Description
Cypress PLD devices are high-speed electrically program-
mable logic devices. These devices utilize the sum-of-products
(AND-OR) structure providing users the ability to program
custom logic functions for unique requirements.
In an unprogrammed state the AND gates are connected via
EPROM cells to both the true and complement of every input.
By selectively programming the EPROM cells, AND gates may
be connected to either the true or complement or disconnected
from both true and complement inputs.
Note:
1. The CG7C323 is the PLDC20G10 packaged in the JEDEC-compatible 28-pin PLCC pinout. Pin function and pin order is identical for both PLCC pinouts. The
difference is in the location of the “no connect” or NC pins.
Logic Block Diagram
Pin Configurations
8
98
7
6
5
4
3
2
1
10
15
16
17
18
19
20
21
22
23
24
PROGRAMMABLE
AND ARRAY
I
I
II
II
I
I
CP/I
OUTPUT
CELL
8
OUTPUT
CELL
8
OUTPUT
CELL
8
OUTPUT
CELL
8
OUTPUT
CELL
8
OUTPUT
CELL
8
OUTPUT
CELL
8
OUTPUT
CELL
V CC
11
12
13
14
I
VSS
I/OE
8
OUTPUT
CELL
8
OUTPUT
CELL
I
I/O 9
I/O 8
I/O 7
I/O 6
I/O 5
I/O 4
I/O 3
I/O 2
I/O 1
I/O 0
5
6
7
8
9
10
11
4 3 2
282726
12131415161718
25
24
23
22
21
20
19
I
I
I
I
I
NC
25
24
23
22
21
20
19
5
6
7
8
9
10
11
121314 1516 1718
432
2827 26
I
I
I
I
I
I
1
1
I
I/O 2
I/O 3
I/O4
I/O5
I/O 6
I/O 7
NC
PLDC20G10
PLDC20G10B
25
24
23
22
21
20
19
5
6
7
8
9
10
11
121314 1516 1718
4 3 2
2827 26
NC
I
I
I
I
NC
1
NC
I/O 2
I/O3
I/O 4
I/O5
I/O 6
I/O7
NC
JEDEC PLCC
Top View
STD PLCC
Top View
LCC
Top View
I/O2
I/O3
I/O4
I/O5
I/O 6
I/O 7
NC
PLDC20G10
PLDC20G10B
CG7C323–A
CG7C323B–A
NC
[1]


Similar Part No. - PLDC20G10-25PC/PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PLDC20RA10 CYPRESS-PLDC20RA10 Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-15JC CYPRESS-PLDC20RA10-15JC Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-15PC CYPRESS-PLDC20RA10-15PC Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-20DMB CYPRESS-PLDC20RA10-20DMB Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-20PC CYPRESS-PLDC20RA10-20PC Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
More results

Similar Description - PLDC20G10-25PC/PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
Flash Erasable, Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
Reprogrammable CMOS PAL Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
Flash-erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
Flash-Erasable Reprogrammable CMOS PAL짰 Device
PLDC20RA10 CYPRESS-PLDC20RA10 Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
PALC22V10L-25PC CYPRESS-PALC22V10L-25PC Datasheet
1Mb / 15P
Reprogrammable CMOS PAL짰 Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com