Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4539-E/MLQTP Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC18F4539-E/MLQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLQTP Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC18F4539-E/MLQTP Datasheet HTML 19Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 20Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 21Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 22Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 23Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 24Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 25Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 26Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 21
PIC18FXX39
FIGURE 2-5:
PLL BLOCK DIAGRAM
2.5
Effects of SLEEP Mode on the
On-Chip Oscillator
When the device executes a SLEEP instruction, the
oscillator is turned off and the device is held at the
beginning of an instruction cycle (Q1 state). With the
oscillator off, the OSC1 and OSC2 signals will stop
oscillating. Since all the transistor switching currents
have been removed, SLEEP mode achieves the lowest
current consumption of the device (only leakage cur-
rents). Enabling any on-chip feature that will operate
during SLEEP will increase the current consumed dur-
ing SLEEP. The user can wake from SLEEP through
external RESET, Watchdog Timer Reset, or through an
interrupt.
2.6
Power-up Delays
Power-up delays are controlled by two timers, so that
no external RESET circuitry is required for most appli-
cations. The delays ensure that the device is kept in
RESET, until the device power supply and clock are
stable. For additional information on RESET operation,
see Section 3.0.
The first timer is the Power-up Timer (PWRT), which
optionally provides a fixed delay of 72 ms (nominal) on
power-up only (POR and BOR). The second timer is
the Oscillator Start-up Timer (OST), intended to keep
the chip in RESET until the crystal oscillator is stable.
With the PLL enabled (HS/PLL Oscillator mode), the
time-out sequence following a Power-on Reset is differ-
ent from other Oscillator modes. The time-out
sequence is as follows:
1.
The PWRT time-out is invoked after a POR time
delay has expired.
2.
The Oscillator Start-up Timer (OST) is invoked.
However, this is still not a sufficient amount of
time to allow the PLL to lock at high frequencies.
3.
The PWRT timer is used to provide an additional
fixed 2 ms (nominal) time-out to allow the PLL
ample time to lock to the incoming clock
frequency.
TABLE 2-2:
OSC1 AND OSC2 PIN STATES IN SLEEP MODE
VCO
Loop
Filter
÷4
Crystal
Osc
OSC2
OSC1
PLL Enable
FIN
FOUT
SYSCLK
Phase
Comparator
(from Configuration
HS Osc
bit Register)
OSC Mode
OSC1 Pin
OSC2 Pin
ECIO
Floating
Configured as PORTA, bit 6
EC
Floating
At logic low
HS
Feedback inverter disabled, at quiescent
voltage level
Feedback inverter disabled, at quiescent
voltage level
Note:
See Table 3-1 in the “Reset” section, for time-outs due to SLEEP and MCLR Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com