Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4539-E/MLQTP Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC18F4539-E/MLQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLQTP Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC18F4539-E/MLQTP Datasheet HTML 76Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 77Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 78Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 79Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 80Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 81Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 82Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 83Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 322 page
background image
PIC18FXX39
DS30485A-page 78
Preliminary
 2002 Microchip Technology Inc.
8.4
IPR Registers
The IPR registers contain the individual priority bits for
the peripheral interrupts. Due to the number of periph-
eral interrupt sources, there are two Peripheral Inter-
rupt Priority registers (IPR1, IPR2). The operation of
the priority bits requires that the Interrupt Priority
Enable (IPEN) bit be set.
For PIC18FXX39 devices, the Motor Control kernel
requires that the Timer2 to PR2 match interrupt be the
only high priority interrupt. Failure to do this may result
in unpredictable operation of the kernel or the entire
microcontroller.
In practical terms, this means:
• Interrupt priority levels are enabled (IPEN = 1);
• High priority interrupts are enabled
(INTCON<7> = 1);
• Timer2 interrupt is enabled and set as high priority
(PIE1<1> and IPR<1> = 1); and
• all other interrupts are disabled (INTCON or PIR
bits = 0), or set as low priority (IPR bits = 0).
REGISTER 8-8:
IPR1: PERIPHERAL INTERRUPT PRIORITY REGISTER 1
Note:
Configuring the interrupts is automatically
done
by
the
API
method
void
ProMPT_Init(PWMfrequency
). It is the
user’s responsibility to make certain that
this method is called at the very beginning
of the application.
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
U-1
R/W-1
R/W-1
PSPIP(1,2)
ADIP(2)
RCIP(2)
TXIP(2)
SSPIP(2)
—TMR2IP(3) TMR1IP(2)
bit 7
bit 0
bit 7
PSPIP(1,2): Parallel Slave Port Read/Write Interrupt Priority bit
1
= High priority
0
= Low priority
bit 6
ADIP(2): A/D Converter Interrupt Priority bit
1
= High priority
0
= Low priority
bit 5
RCIP(2): USART Receive Interrupt Priority bit
1
= High priority
0
= Low priority
bit 4
TXIP(2): USART Transmit Interrupt Priority bit
1
= High priority
0
= Low priority
bit 3
SSPIP(2): Master Synchronous Serial Port Interrupt Priority bit
1
= High priority
0
= Low priority
bit 2
Unimplemented: Read as ‘1’
bit 1
TMR2IP(3): TMR2 to PR2 Match Interrupt Priority bit
1
= High priority
0
= Low priority
bit 0
TMR1IP(2): TMR1 Overflow Interrupt Priority bit
1
= High priority
0
= Low priority
Note 1: This bit is reserved on PIC18F2X39 devices.
2: Maintain this bit cleared (= 0).
3: This bit is reserved for use by the ProMPT kernel; always maintain this bit set (= 1).
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com