Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGS5G Datasheet(PDF) 2 Page - Micro Commercial Components

Part # TGS5G
Description  5 Amp Glass Passivated Rectifier 200 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TGS5G Datasheet(HTML) 2 Page - Micro Commercial Components

  TGS5G Datasheet HTML 1Page - Micro Commercial Components TGS5G Datasheet HTML 2Page - Micro Commercial Components TGS5G Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2017/10/29
www.mccsemi.com
2 of 3
Revision
: A
Micro Commercial Components
M C C
R
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
100
25℃
120
150
0.
00
01
1
0.1
1
10
10
85℃
85℃
125℃
150℃
30
60
90
Figure 2.Maximum Non‐Repetitive 
Peak Forward Surge Current
Figure 1. Typical Instantaneous Forward 
Characteristics 
100000
25℃
85℃
0
0.2 0.4 0.6 0.8
1
1.2 1.4
Instantaneous Forward Voltage (V)
0
0
1
100
10
Number of Cycles at 60Hz
1000
0.1
1
10
100
1000
10000
10000
125℃
150℃
10
100
Tj=25℃
Figure 4. Typical Junction Capacitance
Figure 3. Typical Reverse Characteristics 
0.001
0.01
0
200 400 600 800 1000 1200
Instantaneous Reverse Voltage (V)
1
0.1
10
1
Reverse Voltage (V)
Vsig=50mVp‐p
3
4
5
6
6
Figure 5.Forward Current Derating Curve
0
1
2
0
25
50
75
100 125 150
Lead temperature(℃)
f=
f1
1.0M
0MHZ
HZ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com