Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGS5G Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TGS5G
Description  5 Amp Glass Passivated Rectifier 200 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TGS5G Datasheet(HTML) 1 Page - Micro Commercial Components

  TGS5G Datasheet HTML 1Page - Micro Commercial Components TGS5G Datasheet HTML 2Page - Micro Commercial Components TGS5G Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TGS5G
5 Amp Glass
Passivated Rectifier
200 Volts
Features
Maximum Ratings
TGS5G
400V
280V
400V
Average Forward
Current
IF(AV)
5A
TL = 90°C
Peak Forward
Surge Current
IFSM
150A
8.3ms, half sine
Maximum
Forward Voltage
Drop Per Element

INCHES
MM






A
.039
.047
1.00
1.20
A2
.006
.017
0.15
0.43
b1
.030
.041
0.75
1.05
b2
.065
.077
1.65
1.95
D
.148
.169
3.75
4.30
D2
.110
.126
2.80
3.20
E
.250
.264
6.35
6.70
e
.065
.077
1.65
1.95
E1
.207
.228
5.25
5.80
E2
.120
.142
3.05
3.60
L
.028
.051
0.70
1.30
W
.031
.056
0.80
1.42
Typical thermal
Resistance
VF
IR
5μA
TA = 25°C
Maximum DC
Reverse Current
At Rated DC
Blocking Voltage
1 of
3
•
Operating
Junction Temperature Range: -65°C to +150°C
•
Storage Temperature: -65°C to +150°C
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7
a.
Rthja
30
oC/W
TO-277B
PIN 3
HEAT SINK
PIN 2
PIN 1
2
1
3
Electrical Characteristics @ 25
℃Unless Otherwise Specified
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MCC
Part Number


>
t



IF=5A TJ= 25°C
•
Halogen free available upon request by adding suffix "-HF"
•
Low forward voltage drop
•
Low leakage current
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Micro Commercial Components
M C C
R
Revision: A
www.mccsemi.com
100μA
TA= 125°C
Typical Reverse
Recovery Time
Trr
2017/10/29
Typical Junction
Capacitance
CJ
30pF
Measured at
1.0MHz, VR=4.0V
1
.1V
3.4μS
IF=0.5A,IR=1.0A,
Irr=0.25A
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939


Similar Part No. - TGS5G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TGS50 VISHAY-TGS50 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
logo
Figaro Engineering Inc.
TGS5042 FIGARO-TGS5042 Datasheet
366Kb / 2P
Carbon Monoxide
TGS5141-P00 FIGARO-TGS5141-P00 Datasheet
262Kb / 2P
Carbon Monoxide
More results

Similar Description - TGS5G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4942GP MCC-1N4942GP Datasheet
81Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
MUR2010CT MCC-MUR2010CT Datasheet
644Kb / 2P
20 Amp Super Fast Glass Passivated Rectifier 100 to 200 Volts
logo
List of Unclassifed Man...
FBI5B1M1 ETC1-FBI5B1M1 Datasheet
33Kb / 2P
5 Amp. Glass Passivated Bridge Rectifier
logo
Shanghai Lunsure Electr...
1N4942GP CHENYI-1N4942GP Datasheet
53Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
logo
Micro Commercial Compon...
1N4942GP MCC-1N4942GP_11 Datasheet
429Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
logo
Central Semiconductor C...
CPR4-020 CENTRAL-CPR4-020 Datasheet
77Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 600 VOLTS
1N5059 CENTRAL-1N5059 Datasheet
65Kb / 2P
GLASS PASSIVATED RECTIFIER 1.0 AMP, 200 THRU 800 VOLTS
logo
Micro Commercial Compon...
1N4942GP MCC-1N4942GP_13 Datasheet
445Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
GS1R-L MCC-GS1R-L Datasheet
249Kb / 4P
1.0 Amp Glass Passivated Rectifier 1300 Volts
S1YA MCC-S1YA Datasheet
281Kb / 2P
1.0 Amp Glass Passivated Rectifier 1600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com