Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC04-12SC Datasheet(PDF) 2 Page - Recom International Power

Part # RAC04-12SC
Description  Universal Input 80-264VAC or 115-370VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-12SC Datasheet(HTML) 2 Page - Recom International Power

  RAC04-12SC Datasheet HTML 1Page - Recom International Power RAC04-12SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RAC04-xxxC/W
Series
POWERLINE
AC/DC-Converter
Specifications (measured at TA 25°C, nominal input voltage, full load after warm-up)
80
75
70
65
10 20 30 40 50 60 70 80 90 100
Load (%)
80
75
70
65
10 20 30 40 50 60 70 80 90 100
Load (%)
3.3V
5V
12V
24V
3.3V
5V
12V
24V
115VAC
230VAC
Input Voltage Derating Graph
70%
Input Voltage (VAC) Ta=25°C
80
130
280
180
230
80%
90%
100%
90V, 100%
264V, 100%
80V, 85%
Package Quantity
30pcs
Physical
Dimension (LxWxH)
37.80 x 23.90 x 16.40 mm
MTBF
115VAC, 25°C
820 x 10
3 hours
230VAC, 25°C
735 x 10
3 hours
115VAC, 60°C
550 x 10
3 hours
230VAC, 25°C
430 x 10
3 hours
EMC
Conducted and Radiated
EN55022, Class B
Noise Immunity
EN55024
Safety Standard
EN General Safety
Report: SPCLVD1310055-1
EN-60950-1, 3rd Edition
IEC General Safety
CB Report: 1311055-CB
IEC-60950-1 2nd Edition
UL General Safety
Report Number: E224736-A21
UL-60950-1, 2nd Edition
CSA C22.2 No. 60950-1-07
Typical Characteristic
Efficiency vs Load
Package Style and Pinning
1
2
4
3
Bottom View
0.75+0.25
-
16.40+0.25
-
17.78
23.90
5.0
87.00
15.65
37.80
5
10.0
5.0
20.32
AC IN
DC OUT
RECOM
RAC04-12SC/W
Input 80-264VAC
Output 12V/333mA
S
R
xxxx
Pb
17.78
L
N
+
-
Wired Connections
Wired Color
Type
Function
1
Brown
UL-1015 AWG#22
VAC in (L)
2
Blue
UL-1015 AWG#22
VAC in (N)
3
Red
UL-1430 AWG#22
+VDC out
4
Black
UL-1430 AWG#22
-VDC out
Case Tolerance ±0.5mm
Unless otherwise specified
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
www.recom-power.com
PA-19
REV: 0/2015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com