Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC04-12SC Datasheet(PDF) 1 Page - Recom International Power

Part # RAC04-12SC
Description  Universal Input 80-264VAC or 115-370VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-12SC Datasheet(HTML) 1 Page - Recom International Power

  RAC04-12SC Datasheet HTML 1Page - Recom International Power RAC04-12SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 Watt
Single
Output
● Universal Input 80-264VAC or 115-370VDC
● Operating Temperature Range of -25°C to +85°C
● Isolated Output 3kVAC / 1 min
● Short Circuit and Overcurrent Protection
● Low Output Ripple & Noise
● Low Cost AC/DC Power Supply
● EN, UL and CE certified
Features
Regulated
Converters
Selection Guide
Description
Part
Input
Output
Output
Efficiency
Capacitive
Number
Voltage
Voltage
Current max.
Typ.
Load
(VAC)
(VDC)
(mA)
(%)
max.
RAC04-3.3SC/W
80-264
3.3
1200
67
3000µF
RAC04-05SC/W
80-264
5
800
72
1600µF
RAC04-09SC/W
80-264
9
444
76
850µF
RAC04-12SC/W
80-264
12
333
77
150µF
RAC04-15SC/W
80-264
15
267
77
100µF
RAC04-24SC/W
80-264
24
167
79
82µF
Specifications (measured at TA 25°C, nominal input voltage, full load after warm-up)
POWERLINE
AC/DC-Converter
with 3 year Warranty
EN-60950-1 Certified
IEC-60950-1 Certified
UL-60950-1 Certified
RAC04-C/W
100
60
40
25
0
80
Ambient Temperature Range (°C)
-20
20
0
40
60
80
100
120
Safe Operating Area
70
85
50
-25
75
20
E224736
Input Voltage Range (with Derating)
80-264VAC or 115-370VDC
Input Frequency (for AC Input)
47-63Hz
Input Current (Full Load)
115VAC / 230VAC
110mA / 72mA max.
Inrush Current
115VAC / 230VAC
30A / 60A max.
No Load Power Consumption
80-264VAC
100mW typ. / 200mW max.
Output Voltage (Vout nom.)
3.3V-24V
Output Current Range
167mA - 1200mA
Rated Output Power
4W max.
Output Voltage Tolerance
±2% typ. / ±5% max.
Minimum Load
0%
Output Ripple & Noise
(Full Load)115VAC / 230VAC @ 20MHz limited
200mVp-p max.
Line Voltage Regulation
LL-HL at full Load
±0.5% typ. / ±1% max.
Load Voltage Regulation
10%-100% Load
±1.5% typ. / ±5% max.
Over Load Protection
105% - 155%
Over Voltage Category
OVC II
Leakage Current
0.85µxA max.
Operating Frequency
Full Load
40kHz typ.
Isolation Voltage
Input-Output
3kVAC / 1 minute
Isolation Resistance
Input-Output
1G
Ω min.
Isolation Capacitance
Input-Output
1000pF typ.
Short Circuit Protection
Hiccup, Auto Restart
Operating Temperature Range
natural convection, without derating
-20°C to +60°C
natural air convection, with derating
-25°C to +85°C
Storage Temperature Range
-40°C to +100°C
Case Material
UL94V-0 black plastic
Potting Material
Silicone
Relative Humidity
95% RH max.
Package Weight
32g typ.
continued on next page
The ultra-compact wired RAC04-C/W modules are available with output voltages of 3.3,
5, 9, 12, 15, and 24V, and the input-to-output isolation is approximately 3kVAC/1min.
With a standby consumption of 100mW typical, the mini power supplies are particularly
suitable for energy-saving sleep mode and standby applications. Because of its compact
design (height <17 mm), it is a versatile solution for home automation and other similar
applications. Complete with an integrated input filter, the series has enhanced EMI
performance and complies with EN55022, class B. The mini power supplies are also
protected against short circuit with fully automatic restart after the error has been solved.
The converters are EN/UL60950-1 certified and come complete with a 3 year warranty.
RoHS
2011/65/EU
6/6
Derating-Graph
(Ambient Temperature)
PA-18
www.recom-power.com
REV: 0/2015


Similar Part No. - RAC04-12SC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04-12SC RECOM-RAC04-12SC Datasheet
571Kb / 3P
AC/DC-Converter with 3 year Warranty
RAC04-12SC RECOM-RAC04-12SC Datasheet
102Kb / 2P
4 Watt Single Output
RAC04-12SC RECOM-RAC04-12SC Datasheet
102Kb / 2P
4 Watt Single Output
RAC04-12SC RECOM-RAC04-12SC Datasheet
90Kb / 3P
Universal Input 80-264VAC
RAC04-12SC RECOM-RAC04-12SC Datasheet
453Kb / 6P
50mW max. No Load Power Consumption
More results

Similar Description - RAC04-12SC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
85 to 264VAC universal input
logo
Powerbox
AIM-AC POWERBOX-AIM-AC Datasheet
147Kb / 1P
Universal input: 85 to 264VAC
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
Universal AC Input 90-264Vac
logo
Recom International Pow...
RAC150-G RECOM-RAC150-G Datasheet
932Kb / 8P
Universal Input 90-264VAC
RAC04-C230 RECOM-RAC04-C230 Datasheet
90Kb / 3P
Universal Input 80-264VAC
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
Universal Input 90-264VAC
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
Universal Input of 85~264VAC
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
Universal Input Voltage of 90~264VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com