Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZC16PD-252 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZC16PD-252
Description  Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZC16PD-252 Datasheet(HTML) 1 Page - Mini-Circuits

  ZC16PD-252 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U= upper range [f
U/2 to fU]
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS
(dB)
ABOVE 12 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Max.
Typ. Max.
Typ. Max.
Max. Max. Max.
Max. Max. Max.
10-2500
25
20
17
14
16
14
1.5 2.8
3.2 4.5
5.5 6.5
2
10
18
0.7
0.7
1.0
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Electrical Specifications
Maximum Ratings
Coaxial Connections
SUM PORT
S
PORT 1,2,3,.....,16
1,2,3,.....,16
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.75W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
electrical schematic
16 Way-0°
50Ω
10 to 2500 MHz
Power Splitter/Combiner
REV. B
M151107
ED-12956/1
ZC16PD-252-S+
HY/TD/AM
161222
Coaxial
A
B
C
D
E
F
G
8.50
3.95
.75
.250 8.250
_
.187
215.90 100.33
19.05
6.35 209.55
_
4.75
H
J
K
L
M
wt
4.250
.38
.500
.475 3.475
grams
107.95
9.65
12.70
12.07
88.27
710
Features
• wide frequency band 10 to 2500 MHz
• good amplitude unbalance, 0.3 dB typ.
• good phase unbalance, 5 deg. typ.
Applications
• UHF
• cellular, GPS, PCS
• communication systems
Typical Performance Data
ZC16PD-252+
TOTAL LOSS
10
12
14
16
18
20
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
ZC16PD-252+
ISOLATION
15
20
25
30
35
40
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
1-2(dB)
3-4(dB)
ZC16PD-252+
VSWR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
Freq.
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
1-2
3-4
ZC16PD-252+
CASE STYLE: UU179
Connectors Model
SMA
ZC16PD-252-S+
10.00
13.44
0.04
26.46
26.50
0.15
1.23
1.62
150.00
13.72
0.04
21.16
21.11
0.58
1.34
1.45
300.00
13.75
0.06
18.51
18.51
1.03
1.15
1.36
450.00
13.84
0.09
17.52
17.57
1.36
1.25
1.30
600.00
14.09
0.10
17.24
17.31
1.83
1.46
1.25
750.00
14.04
0.10
18.16
18.25
2.29
1.13
1.22
900.00
14.41
0.12
17.82
17.85
2.89
1.52
1.25
1100.00
15.04
0.12
17.74
17.75
3.68
1.92
1.18
1300.00
15.25
0.20
24.90
24.74
4.85
1.80
1.13
1500.00
15.90
0.35
24.08
23.44
5.73
1.90
1.28
1700.00
16.15
0.46
19.18
18.86
5.75
1.75
1.37
1900.00
16.95
0.47
17.09
16.69
4.97
2.01
1.41
2100.00
16.74
0.49
18.71
18.53
6.11
1.59
1.30
2300.00
16.61
0.37
22.77
22.36
6.46
1.10
1.21
2500.00
17.22
0.51
26.28
26.00
7.35
1.11
1.12
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss +12dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
HT-Series
Tight Spot
SMA Wrench
From $24.95


Similar Part No. - ZC16PD-252

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZC16PD-251 MINI-ZC16PD-251 Datasheet
263Kb / 2P
Power Splitter/Combiner
ZC16PD-251+ MINI-ZC16PD-251+ Datasheet
263Kb / 2P
Power Splitter/Combiner
ZC16PD-251-S+ MINI-ZC16PD-251-S+ Datasheet
263Kb / 2P
Power Splitter/Combiner
More results

Similar Description - ZC16PD-252

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com