Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZCSC-3-R3 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZCSC-3-R3
Description  Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZCSC-3-R3 Datasheet(HTML) 1 Page - Mini-Circuits

  ZCSC-3-R3 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U= upper range [f
U/2 to fU]
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 4.8 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
Typ. Min. Typ. Min. Typ. Min. Typ. Max. Typ. Max. Typ. Max.
Max.
Max.
Max.
Max.
Max.
Max.
2-300
32
28
31
28
32
22
0.3
0.8
0.4
1.0
0.8
1.2
1.0
2.0
3.0
0.1
0.3
0.3
ZCSC-3-R3
+
TOTAL LOSS
4.8
5.0
5.2
5.4
5.6
5.8
0
60
120
180
240
300
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
S-3(dB)
ZCSC-3-R3
+
ISOLATION
20
26
32
38
44
50
0
60
120
180
240
300
FREQUENCY (MHz)
1-2 (dB)
1-3 (dB)
2-3 (dB)
Typical Performance Data
Maximum Ratings
Coaxial Connections
SUM PORT
S
PORT 1
1
PORT 2
2
PORT 3
3
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.375W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
ZCSC-3-R3+
3 Way-0°
50Ω
2 to 300 MHz
Power Splitter/Combiner
REV. C
M151107
ZCSC-3-R3+
HY/TD/CP/AM
160212
Coaxial
A
B
C
D
E
F
1.50
1.00
.38
.125
1.375
.500
38.10
25.40
9.65
3.18
34.93
12.70
G
H
J
K
wt
--
.75
.19
.50
grams
--
19.05
4.83
12.70
28
CASE STYLE: UU233
Connectors Model
SMA
ZCSC-3-R3+
Features
• low insertion loss, 0.4 dB typ.
• high isolation, 31 dB typ.
• excellent VSWR, 1.1:1 typ.
• excellent phase unbalance 1 deg. typ.
• rugged shielded case
Applications
• VHF/UHF
• instrumentation
• communication system
Freq.
(MHz)
Total Loss1
(dB)
Amp.
Unbal.
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
1
VSWR
2
VSWR
3
S-1
S-2
S-3
1-2
1-3
2-3
ZCSC-3-R3
+
VSWR
1.00
1.05
1.10
1.15
1.20
1.25
0
60
120
180
240
300
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
Electrical Specifications
2.00
5.07
5.06
5.07
0.00
31.14
31.55
31.03
0.03
1.11
1.09
1.09
1.09
4.00
5.05
5.04
5.05
0.01
31.99
32.25
31.85
0.02
1.11
1.07
1.07
1.07
14.00
5.05
5.04
5.05
0.01
32.30
32.50
32.24
0.05
1.11
1.06
1.06
1.06
20.00
5.05
5.04
5.05
0.01
32.17
32.44
32.21
0.04
1.10
1.05
1.05
1.05
44.00
5.08
5.07
5.08
0.01
31.81
32.22
31.97
0.09
1.09
1.04
1.04
1.04
68.00
5.10
5.09
5.11
0.01
31.49
32.04
31.82
0.23
1.08
1.03
1.04
1.03
92.00
5.11
5.11
5.12
0.01
31.25
32.01
31.79
0.32
1.07
1.03
1.04
1.02
120.00
5.13
5.13
5.16
0.03
31.15
32.15
31.93
0.33
1.07
1.04
1.05
1.04
150.00
5.18
5.18
5.25
0.06
31.34
32.56
32.42
0.42
1.06
1.04
1.05
1.05
180.00
5.17
5.17
5.26
0.09
31.91
33.29
33.26
0.45
1.04
1.03
1.03
1.04
220.00
5.19
5.20
5.33
0.14
33.67
35.24
35.57
0.56
1.04
1.04
1.04
1.04
250.00
5.30
5.31
5.47
0.18
36.27
37.44
39.06
0.68
1.10
1.07
1.07
1.09
270.00
5.28
5.30
5.48
0.21
38.73
38.61
42.11
0.76
1.14
1.08
1.08
1.10
290.00
5.29
5.31
5.51
0.23
40.66
38.38
42.54
0.72
1.17
1.07
1.08
1.11
300.00
5.29
5.31
5.54
0.25
40.04
37.45
40.72
0.81
1.18
1.07
1.07
1.10
electrical schematic
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 4.8dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - ZCSC-3-R3

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZCSC-8-1 MINI-ZCSC-8-1 Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
ZCSC-8-13 MINI-ZCSC-8-13 Datasheet
281Kb / 1P
Power Splitter/Combiner
ZCSC-8-13+ MINI-ZCSC-8-13+ Datasheet
281Kb / 1P
Power Splitter/Combiner
ZCSC-8-13-S+ MINI-ZCSC-8-13-S+ Datasheet
281Kb / 1P
Power Splitter/Combiner
ZCSC-8-152 MINI-ZCSC-8-152 Datasheet
310Kb / 1P
Power Splitter/Combiner
More results

Similar Description - ZCSC-3-R3

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com