Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9237 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RT9237
Description  MULTI-PHASE DC/DC CONTROLLER FOR CPU CORE POWER SUPPLY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9237 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RT9237 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 13Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 14Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Preliminary
RT9237
DS9237-00 January 2002
www.richtek-ic.com.tw
13
Fig.8 Layout Consideration
VCC
COMP
FB
VSEN
RT9237
PWM
IMAX
IRMP
ADJ
ISNX
ISPX
RT9600
VCC
PVCC
PHASE
CBOOT
CIN
LO1
VCORE
COUT
CBP
+5VIN
CC
RC
RFB
RISN
Locate next
to FB Pin
Next to IC Pin(s)
Locate near Transistor
Use Individual Metal Runs for
Each Channel to help Isolate
Output Stages
RISP
Locate next
to IC
Parallel Trace
Kelvin
Sense
+12V or +5V
Next to IC Pin(s)
CBP
+12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com