Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9237 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9237
Description  MULTI-PHASE DC/DC CONTROLLER FOR CPU CORE POWER SUPPLY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9237 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9237 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9237 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary
RT9237
DS9237-00 January 2002
www.richtek-ic.com.tw
1
Multi-Phase DC/DC Controller for CPU Core Power Supply
General Description
The RT9237 is a multi-phase buck DC/DC controller
integrated with all control functions for high
performance processor VRM. The RT9237 drives 2,
3 or 4 buck switching stages operating in interleaved
phase
set
automatically.
The
multi-phase
architecture provides high output current while
maintaining low power dissipation on power devices
and low stress on input and output capacitors. The
high equivalent operating frequency also reduces
the component dimension and the output voltage
ripple in load transient.
RT9237 regulates both easily set voltage and
current loops. Precise current sharing for power
stage is achieved by differential input current sense
and processing circuit. The settings of current
sense, droop tuning and over current protection are
independent to compensation circuit of voltage loop.
The feature greatly facilitates the flexibility of CPU
power supply design and tuning.
The RT9237 uses a 5-bit DAC of 1.1V to 1.85V
(25mV/step)
output
with
load
current
droop
compensation to meet the strict VRM transient
requirement. The IC monitors the VCORE voltage
for PGOOD and over voltage protection. Soft start,
over current protection and programmable under
voltage lockout are also provided to assure the
safety of microprocessor and power system.
Applications
Power Supply for Server and Workstation
Power Supply for High Current Microprocessor
Ordering Information
RT9237
Features
Multi-Phase Power Conversion with Automatic
Phase Selection
VRM 9.0 DAC Output with Active Droop
Compensation for Fast Load Transient
Precise
Channel
Current
Sharing
with
Differential Sense Input
Hiccup Mode Over Current Protection
Programmable Under Voltage Lockout and
Soft Start
High Ripple Frequency, (Channel Frequency
200KHz) Times Channel Number
Pin Configurations
Part Number
Pin Configurations
RT9237CS
(Plastic SOP-28)
TOP VIEW
Operating temperature range
C: Commercial standard
Package Type
S : SOP-28
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
27
28
13
14
16
15
VID3
VID2
VID1
VID0
COMP
FB
ADJ
GND
VSEN
VID4
DVD
IMAX
IRMP
SS
ISP4
VDD
PGOOD
PWM4
ISP1
PWM1
PWM2
ISP2
PWM3
ISN1
ISN2
ISP3
ISN3
ISN4


Similar Part No. - RT9237

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
RT9230CS ETC-RT9230CS Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
RT9231 ETC-RT9231 Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
RT9231-CS ETC-RT9231-CS Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
RT9231-MS ETC-RT9231-MS Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
More results

Similar Description - RT9237

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
Two-Phase DC/DC Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com