Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC6579 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC6579
Description  RADIO DATA SYSTEM (RDS) DEMODULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC6579 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC6579 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Silan
Semiconductors
SC6579
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.12.30
2
BLOCK DIAGRAM
Via pin MODE two different crystal frequencies can be used.
MODE
CRYSTAL CLOCK
LOW
4.332 MHz
HIGH
8.664 MHz
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Characteristic
Symbol
Value
Unit
Analog Supply Voltage (pin 5)
VDDA
0~ 6
V
Digital Supply Voltage (pin 12)
VDDD
0~ 6
V
Voltage on All Pins; Grounds Excluded
Vn
-0.5 ~ VDD + 0.5
V
Storage Temperature
Tstg
-40 ~+150
°C
Operating Ambient Temperature
Tamb
-40 ~+85
°C
±300 note 1
V
Electrostatic Handling for All Pins Except
Pins 9 and 10
VESD
+1500 ~-3000 note 2
V
Notes
1. Equivalent to discharging a 200 pF capacitor via a 0
Ω series resistor.
2. Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω series resistor.
anti-
aliasing
filter
57kHz
bandpass
(8th order)
reconstruction
filter
oscillator and
divider
quality bit
generator
clocked
comparator
costas loop
variable and
fixed divider
bi-phase
symbol
decoder
differential
decoder
reference
voltage
clock
regeneration
and sync
test logic and output
selector switch
MPX
signal
MUX
330pF
SCOUT
560pF
CIN
+5V
V
DDA
0.1
­F
Vref
2.2
­F
V
SSA
4
8
7
5
3
6
V
P1
SC6579
910
11
MODE
TEST
V
SSD
15 T57
RDCL
16
1
2 RDDA
QUAL
12
14
13
OSCI OSCO
V
DDD
0.1
­F
82pF
47pF
4.332/8.664MHz
2.2K
¡
+5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com