Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC6579 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC6579
Description  RADIO DATA SYSTEM (RDS) DEMODULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC6579 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC6579 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silan
Semiconductors
SC6579
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.12.30
4
(Continued)
Note1. The signal T57 has a phase lead of 123
° (±180°) relative to the ARI carrier at output SCOUT.
Parameter
Symbol
Test condition
Min.
Typ.
Max.
Unit
Digital demodulator and outputs QUAL, RDDA, T57, OSCO and RDCL (pins 1, 2, 14, 15 and 16)
HIGH-level output voltage
VOH
IQ = -20 mA; VDDD = 4.5 V
4.4
--
--
V
LOW-level output voltage
VOL
IQ = 3.2 mA; VDDD = 5.5 V
--
--
0.4
V
Nominal Clock Frequency RDCL
fRDCL
--
1187.5
--
Hz
Jitter of RDCL
∆tRDCL
--
--
18
µs
Nominal Subcarrier Frequency T57
fT57
note 1
--
57.0
--
kHz
VDDD = 4.5 V; V14 = 0.4 V
1.5
--
--
mA
Output Current OSCO (pin 14)
VDDD = 4.5 V; V14 = 4.1 V
-1.6
--
--
mA
VDDD = 4.5 V; VO = 0.4 V
5.9
--
--
mA
Output Current QUAL, RDDA, T57,
RDCL (pins 1, 2, 15 and 16)
IO
VDDD = 4.5 V; VO = 4.1 V
-5.3
--
--
mA
4.332 MHz crystal parameters
XTAL Frequency
f0
--
4.332
--
MHz
Maximum Permitted Tolerance
∆fmax
±50
10 -6
Tamb =25°C
--
--
±20
10 -6
Adjustment Tolerance of f0
∆fo
Tamb = -40 to +85 °C
--
--
±25
10 -6
Load Capacitance
CL
--
30
--
pF
Resonance Resistance
Rxtal
--
--
60
Ω
8.664 MHz crystal parameters
XTAL Frequency
f0
--
8.664
--
MHz
Maximum Permitted Tolerance
∆fmax
--
±50
--
10 -6
Tamb =25°C
--
--
±30
10 -6
Adjustment Tolerance of f0
∆fo
Tamb = -40 to +85 °C
--
--
±30
10 -6
Load Capacitance
CL
--
30
--
pF
Resonance Resistance
Rxtal
--
--
60
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com