Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS-CSS-PQ2-1 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DSS-CSS-PQ2-1
Description  Right Angle DomiLED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSS-CSS-PQ2-1 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DSS-CSS-PQ2-1 Datasheet HTML 1Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 2Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 3Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 4Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 5Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 6Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 7Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 8Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
29/08/2017 V25.0
1
Features:
> High brightness surface mount LED.
> Designed for sideway illumination.
> 120° viewing angle.
> Small package outline.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
> Compliance to automotive standard; AEC-Q101.
> Superior corrosion resistant.
DomiLED
Synonymous with function and performance, the DomiLED series is
perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET:
Right Angle DomiLED
AlInGaP : DSx-xSS
© 2005 DomiLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DSS-CSS-PQ2-1

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
DSS-CV20 AAEON-DSS-CV20 Datasheet
279Kb / 2P
Intel짰 Atom??Processor D2550 (1M Cache, 1.86GHz)
DSS-CV20-A10-0000 AAEON-DSS-CV20-A10-0000 Datasheet
279Kb / 2P
Intel짰 Atom??Processor D2550 (1M Cache, 1.86GHz)
DSS-CV21 AAEON-DSS-CV21 Datasheet
285Kb / 2P
Intel짰 Atom??D2550 Processor (1M Cache, 1.86GHz)
DSS-CV21-A10-0000 AAEON-DSS-CV21-A10-0000 Datasheet
285Kb / 2P
Intel짰 Atom??D2550 Processor (1M Cache, 1.86GHz)
More results

Similar Description - DSS-CSS-PQ2-1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSA-PSS-VW1-1 DOMINANT-DSA-PSS-VW1-1 Datasheet
1Mb / 12P
Right Angle DomiLED
DSS-ASS-J2L1-1 DOMINANT-DSS-ASS-J2L1-1 Datasheet
1Mb / 13P
Right Angle DomiLED
DSS-NSS-T2U-1 DOMINANT-DSS-NSS-T2U-1 Datasheet
1Mb / 13P
Right Angle DomiLED
DSF-LSG DOMINANT-DSF-LSG Datasheet
1Mb / 18P
Right Angle DomiLED
DSW-DHG-I1 DOMINANT-DSW-DHG-I1 Datasheet
1Mb / 17P
Right Angle DomiLED
DSX-ASS DOMINANT-DSX-ASS Datasheet
1Mb / 13P
Right Angle DomiLED
DSX-DSS DOMINANT-DSX-DSS Datasheet
1Mb / 15P
Right Angle DomiLED
DSX-PSS DOMINANT-DSX-PSS Datasheet
1Mb / 14P
Right Angle DomiLED
DSX-XSX DOMINANT-DSX-XSX Datasheet
1Mb / 14P
Right Angle DomiLED
DSZB-LSG DOMINANT-DSZB-LSG Datasheet
1Mb / 16P
Right Angle DomiLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com