Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS-CSS-PQ2-1 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DSS-CSS-PQ2-1
Description  Right Angle DomiLED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSS-CSS-PQ2-1 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DSS-CSS-PQ2-1 Datasheet HTML 1Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 2Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 3Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 4Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 5Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 6Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 7Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 8Page - DOMINANT Semiconductors DSS-CSS-PQ2-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
29/08/2017 V25.0
2
DSS-SSS-PQ2-1
DSS-CSS-PQ2-1
DSR-CSS-PQ2-1
DSR-CSS-QR2-1
DSR-CSS-RS2-1
DSR-CSS-ST2-1
DSR-SSS-QR2-1
DSR-TSS-ST2-1
DSA-CSS-QR2-1
DSA-SSS-RS2-1
DSA-CSS-RS2-1
DSO-CSS-QR2-1
DSO-SSS-RS2-1
DSO-CSS-RS2-1
DSY-CSS-QR2-1
DSY-CSS-RS2-1
DSY-SSS-RS2-1
DSG-SSS-PQ2-1
DSG-CSS-PQ2-1
DSG-CSS-QR2-1
DSP-SSS-LM2-1
Super red, 632nm
Super red, 632nm
Red, 625nm
Red, 625nm
Red, 625nm
Red, 625nm
Red, 625nm
Red, 625nm
Amber, 615nm
Amber, 615nm
Amber, 615nm
Orange, 605nm
Orange, 605nm
Orange, 605nm
Yellow, 587nm
Yellow, 587nm
Yellow, 587nm
Green, 570nm
Green, 570nm
Green, 570nm
Pure Green, 560nm
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
45.0
45.0
45.0
71.5
112.5
180.0
71.5
180.0
71.5
112.5
112.5
71.5
112.5
112.5
71.5
112.5
112.5
45.0
45.0
71.5
11.2
AllnGaP : DSx-xSS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 20mA IV (mcd) Appx. 1.1
Not for new design
Optical Characteristics at Tj=25˚C
Min.
Typ.
Max.
71.5
71.5
71.5
112.5
180.0
285.0
112.5
285.0
112.5
180.0
180.0
112.5
180.0
180.0
112.5
180.0
180.0
71.5
71.5
112.5
18.0
112.5
112.5
112.5
180.0
285.0
450.0
180.0
450.0
180.0
285.0
285.0
180.0
285.0
285.0
180.0
285.0
285.0
112.5
112.5
180.0
28.5
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com